công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAM4E bảng dữ liệu(PDF) 16 Page - ATMEL Corporation

tên linh kiện SAM4E
Giải thích chi tiết về linh kiện  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E bảng dữ liệu(HTML) 16 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 12Page - ATMEL Corporation SAM4E Datasheet HTML 13Page - ATMEL Corporation SAM4E Datasheet HTML 14Page - ATMEL Corporation SAM4E Datasheet HTML 15Page - ATMEL Corporation SAM4E Datasheet HTML 16Page - ATMEL Corporation SAM4E Datasheet HTML 17Page - ATMEL Corporation SAM4E Datasheet HTML 18Page - ATMEL Corporation SAM4E Datasheet HTML 19Page - ATMEL Corporation SAM4E Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
1
6
16
4.3.12 Touch Screen Interface
The LCD module integrates a 4-wire touch panel controlled by U6 (ADS7843), which is a slave device on
the SAM4E16 SPI bus. The controller sends back the measurement information about the X and Y
positions as a pressure is applied to the touch panel. The touch panel can be used with either a stylus or
a finger.
The ADS7843 touch panel controller connects to the SPI interface via the NPCS0 control signal. Two
interrupt signals are connected and provide events information back to the microcontroller: PenIrq and
Busy.
Note:
PenIrq (PA16) is shared with ZigBee signal ZIGB_MISC.
Busy (PA17) is shared with ZigBee signal ZIGB_IRQ.
Therefore, if using a ZigBee interface in concurrence with the Touch Screen controller, take care
not to have both drivers enabled at the same time on either PA16 or PA17.
Figure 4-12.
Touch Panel Control
4.3.13 JTAG/ICE
A standard 20-pin JTAG/ICE connector is implemented on the Atmel SAM4E-EK for the connection of a
compatible ARM JTAG emulator interface, such as the SAM-
ICE™ from Segger.
Note that the NRST signal is connected to SW1 system button and is also used to reset the LCD module.
The 0Ω resistor R75 may be removed in order to isolate the JTAG port from this system reset signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com