công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAM4E-EK bảng dữ liệu(PDF) 21 Page - ATMEL Corporation

tên linh kiện SAM4E-EK
Giải thích chi tiết về linh kiện  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E-EK bảng dữ liệu(HTML) 21 Page - ATMEL Corporation

Back Button SAM4E-EK Datasheet HTML 17Page - ATMEL Corporation SAM4E-EK Datasheet HTML 18Page - ATMEL Corporation SAM4E-EK Datasheet HTML 19Page - ATMEL Corporation SAM4E-EK Datasheet HTML 20Page - ATMEL Corporation SAM4E-EK Datasheet HTML 21Page - ATMEL Corporation SAM4E-EK Datasheet HTML 22Page - ATMEL Corporation SAM4E-EK Datasheet HTML 23Page - ATMEL Corporation SAM4E-EK Datasheet HTML 24Page - ATMEL Corporation SAM4E-EK Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
2
1
21
4.3.18 LEDs
There are three LEDs on the SAM4E-EK board:
A blue LED (D2), amber/orange LED (D3) and a green LED (D4), which are user defined and
controlled by the GPIO
A red LED (D5), which is a power LED indicating that the 3.3V power rail is active. It is also
controlled by the GPIO and can be treated as a user LED as well. The only difference with the two
others is that it is controlled through a MOS transistor. By default, the PIO line is disabled; a pull-up
resistor controls the MOS to light the LED when the power is ON.
Figure 4-20.
LEDs
4.3.19 SD/MMC Card
The Atmel SAM4E-EK has a high-speed 4-bit multimedia MMC interface, which is connected to a 4-bit
SD/MMC micro card slot featuring a card detection switch.
Figure 4-21.
SD Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40