công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP16501A bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện MCP16501A
Giải thích chi tiết về linh kiện  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501A bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button MCP16501A Datasheet HTML 10Page - Microchip Technology MCP16501A Datasheet HTML 11Page - Microchip Technology MCP16501A Datasheet HTML 12Page - Microchip Technology MCP16501A Datasheet HTML 13Page - Microchip Technology MCP16501A Datasheet HTML 14Page - Microchip Technology MCP16501A Datasheet HTML 15Page - Microchip Technology MCP16501A Datasheet HTML 16Page - Microchip Technology MCP16501A Datasheet HTML 17Page - Microchip Technology MCP16501A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MCP16501
DS20006388A-page 14
 2020 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
OUT1
Output Sensing for Buck Channel 1. Connect to the regulation point for VOUT1.
2
nRSTO
Active-Low, Open-Drain Reset Output.
3
PWRHLD Power Hold Input. Typically asserted as high by the MPU to maintain power after the
initial start-up is triggered by nSTRT. PWRHLD is to be asserted as low by the MPU
to initiate a PMIC shutdown sequence.
4
LPM
Low-Power Mode Input Pin. In combination with PWRHLD, this pin defines the
power mode status of the MCP16501.
5
nSTRTO
Active-Low, Open-Drain Start Event Output. nSTRTO is asserted low whenever
nSTRT is low.
6
OUT2
Output Sensing for Buck Channel 2. Connect to the regulation point for VOUT2.
7
PVIN2
Power Input Voltage of Buck Channel 2. Connect a ceramic capacitor from PVIN2 to
the PGND2 pin to localize pulsed current loops and decouple switching noise.
8
SW2
Switch Node of Buck Channel 2. Internal power MOSFET switches and external
inductor connection.
9
PGND2
Power Ground of Buck Channel 2.
10
PGND3
Power Ground of Buck Channel 3.
11
SW3
Switch Node of Buck Channel 3. Internal power MOSFET switches and external
inductor connection.
12
PVIN3
Power Input Voltage of Buck Channel 3. Connect a ceramic capacitor from PVIN3 to
the PGND3 pin to localize pulsed current loops and decouple switching noise.
13
OUT3
Output Sensing for Buck Channel 3. Connect to the regulation point for VOUT3.
14
nSTRT
Start Event Input. Drive nSTRT to low to initiate a start-up sequence. nSTRT is
pulled up internally. A capacitor can be connected to nSTRT to automatically initiate
a power-up sequence when the main supply rises.
15
SELV3
Buck Channel 3 Output Voltage Selection Pin. Three-state input.
16
SGND
Signal Ground. Connect to reference ground plane.
17
VIN
Input voltage for the LDO and for the analog control circuitry. Decouple VIN to SGND
with a 2.2uF (minimum) ceramic capacitor.
18
LOUT
LDO Output. Decouple LOUT to ground with a 2.2 µF (minimum) ceramic capacitor.
19
LFB
LDO FB pin. Connect to an external resistor divider to LOUT for output voltage
adjustment.
20
SELV2
Buck Channel 2 Output Voltage Selection Pin. Three-state input.
21
LEN
LDO Enable input.
22
PGND1
Power Ground of Buck Channel 1.
23
SW1
Switch Node of Buck Channel 1. Internal power MOSFET switches and external
inductor connection.
24
PVIN1
Power Input Voltage of Buck Channel 1. Connect a ceramic capacitor from PVIN1 to
the PGND1 pin, to localize pulsed current loops and decouple switching noise.
-
EP
Exposed Pad. Connect to ground plane with vias to ensure good thermal properties.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com