| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2931ACT bảng dữ liệu(PDF) 13 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
LM2931ACT bảng dữ liệu(HTML) 13 Page - Motorola, Inc |
|
13 / 16 page ![]() LM2931 Series 13 MOTOROLA ANALOG IC DEVICE DATA DT–1 SUFFIX PLASTIC PACKAGE CASE 369–07 (DPAK) ISSUE L T SUFFIX PLASTIC PACKAGE CASE 314D–03 (TO–220 Type) ISSUE D –Q– –T– SEATING PLANE C U G E H J NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION D DOES NOT INCLUDE INTERCONNECT BAR (DAMBAR) PROTRUSION. DIMENSION D INCLUDING PROTRUSION SHALL NOT EXCEED 10.92 (0.043) MAXIMUM. MIN MIN MAX MAX INCHES MILLIMETERS DIM A B C D E G H J K L Q U S 14.529 9.906 4.318 0.635 1.219 2.210 0.381 25.908 8.128 3.556 2.667 13.792 15.570 10.541 4.572 0.965 1.397 2.845 0.635 27.051 9.271 3.886 2.972 14.783 0.572 0.390 0.170 0.025 0.048 0.087 0.015 1.020 0.320 0.140 0.105 0.543 0.613 0.415 0.180 0.038 0.055 0.112 0.025 1.065 0.365 0.153 0.117 0.582 A B L S K D 5 PL 1.702 BSC 0.067 BSC 12 3 4 5 0.356 (0.014) T Q M M OUTLINE DIMENSIONS NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 12 3 4 V S A K –T– SEATING PLANE R B F G D 3 PL M 0.13 (0.005) T C E J H DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.235 0.250 5.97 6.35 B 0.250 0.265 6.35 6.73 C 0.086 0.094 2.19 2.38 D 0.027 0.035 0.69 0.88 E 0.033 0.040 0.84 1.01 F 0.037 0.047 0.94 1.19 G 0.090 BSC 2.29 BSC H 0.034 0.040 0.87 1.01 J 0.018 0.023 0.46 0.58 K 0.350 0.380 8.89 9.65 R 0.175 0.215 4.45 5.46 S 0.050 0.090 1.27 2.28 V 0.030 0.050 0.77 1.27 |