| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMT15F bảng dữ liệu(PDF) 2 Page - Artesyn Technologies |
|
|
|||||||||||||||||||||||||||||
SMT15F bảng dữ liệu(HTML) 2 Page - Artesyn Technologies |
|
2 / 4 page ![]() File Name: smt15f_12_fixed.pdf Rev (02): 16 Dec 2005 For the most current data and application support visit www.artesyn.com/powergroup/products.htm DC-DC CONVERTERS Typhoon Non-isolated 2 NEW Product N No otte es s 1 The SMT15F-12 features an ‘Active High’ Remote ON/OFF operation. If not using the Remote ON/OFF pin, leave the pin open (the converter will be on). The Remote ON/OFF pin is referenced to ground. The following conditions apply for the SMT15F-12: Configuration Converter Operation Remote pin open circuit Unit is ON Remote pin pulled low Unit is OFF Remote pin pulled high Unit is ON An ‘Active Low’ Remote ON/OFF version is also possible with this converter. To order please place the Suffix ‘R’ towards the end of the part number, e.g. SMT15F-12S1V8RJ. 2 A 270 µF electrolytic input capacitor maybe required for test purposes only. 3 An external output capacitor is not required for basic operation. Adding distributed capacitance at the load will improve the transient response. 4 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 5 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. SMT15F Series 12 Vin single fixed output SMT15F-12S1V2J Part Number System with Options Product Family SMT = Surface Mount Rated Output Current 15 = 15 Amps Input Voltage 12 = 10.8 Vdc to 13.2 Vdc Type of Output S = Single W = Fixed Performance F = Enhanced/Fast Transient Performance Output Voltage 1V0 = 1.0 V, 1V2 = 1.2 V etc. OUTPUT INPUT OUTPUT OUTPUT OUTPUT EFFICIENCY REGULATION MODEL POWER VOLTAGE VOLTAGE CURRENT CURRENT (TYP.) LINE LOAD NUMBER (1,4,5) (MAX.) (MIN.) (MAX.) 15.0 W 10.8-13.2 Vdc 1 Vdc 0 A 15 A 85% ±1.0% ±1.0% SMT15F-12S1V0J 18.0 W 10.8-13.2 Vdc 1.2 Vdc 0 A 15 A 86% ±1.0% ±1.0% SMT15F-12S1V2J 22.5 W 10.8-13.2 Vdc 1.5 Vdc 0 A 15 A 87% ±1.0% ±1.0% SMT15F-12S1V5J 27.0 W 10.8-13.2 Vdc 1.8 Vdc 0 A 15 A 88% ±1.0% ±1.0% SMT15F-12S1V8J Packaging Options (4) J = Pb-free (RoHS 6/6 compliant) |