công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT3MP bảng dữ liệu(PDF) 7 Page - REAN

tên linh kiện RT3MP
Giải thích chi tiết về linh kiện  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REAN [REAN]
Trang chủ  https://www.rean-connectors.com/
Logo REAN - REAN

RT3MP bảng dữ liệu(HTML) 7 Page - REAN

Back Button RT3MP Datasheet HTML 3Page - REAN RT3MP Datasheet HTML 4Page - REAN RT3MP Datasheet HTML 5Page - REAN RT3MP Datasheet HTML 6Page - REAN RT3MP Datasheet HTML 7Page - REAN RT3MP Datasheet HTML 8Page - REAN RT3MP Datasheet HTML 9Page - REAN RT3MP Datasheet HTML 10Page - REAN RT3MP Datasheet HTML 11Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Or dering Information
Type No.
Description
Chassis connectors
RT3MP
3 pole TINY male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 6 mm
RT4MP
4 pole TINY male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 6 mm
RT5MP
5 pole TINY male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 6 mm
RT*MP-D
TINY male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 6 mm; bulk packed,
to be ordered in multiples of 100 pcs.
Chassis connectors rearmountable
RT3MPR
3 pole TINY rearmountable, male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 3 mm
RT4MPR
4 pole TINY rearmountable, male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 3 mm
RT5MPR
5 pole TINY rearmountable, male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 3 mm
RT*MPR-D
TINY rearmountable male chassis connector, nickel metal housing, gold plated contacts, max. panel thickness: 3 mm;
bulk packed, to be ordered in multiples of 100 pcs.
Adapters
RA3FT-B
3 pole adapter TINY male to female XLR, black metall shell, gold plated contacts
RA3MT-B
3 pole adapter TINY male to male XLR, black metall shell, gold plated contacts
Specification
Chassis connectors
RT*MP*
Adapters
RA*T-B
Electrical
Rated current per contact
< 5 A
–
Contact resistance
< 5 m
Ω
≤ 5 mΩ
Insulation resistance
> 1 G
Ω
> 1 G
Ω
Dielectric strength
> 500 V rms
500 V rms
Mechanical
Lifetime
> 1'000 mating cycles
> 1'000 mating cycles
Wiring
solder contacts
–
Max. wire size
0.22 mm² / 24 AWG
–
Material
Contacts
CuZn39Pb3
female CuSn6
/ male CuZn39Pb3
Contact plating
Au plated
Au plated
Insert
PA 6 30% GR
PA 6 30% GR
Shell (housing)
ZnAl4Cu1
ZnAl4Cu1
Shell plating
nickel
black
Environment
Operating temperature
-30°C to +85°C
-20°C to +65°C
Solderability
complies with IEC68-2-20
–
TINY
xlr
TINY
xlr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24