công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58WR032EB100ZB6T bảng dữ liệu(PDF) 73 Page - STMicroelectronics

tên linh kiện M58WR032EB100ZB6T
Giải thích chi tiết về linh kiện  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032EB100ZB6T bảng dữ liệu(HTML) 73 Page - STMicroelectronics

Back Button M58WR032EB100ZB6T Datasheet HTML 69Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 70Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 71Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 72Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 73Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 74Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 75Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 76Page - STMicroelectronics M58WR032EB100ZB6T Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
73/81
M58WR032ET, M58WR032EB
Enhanced Factory Program Pseudo Code
efp_command(addressFlow,dataFlow,n)
/* n is the number of data to be programmed */
{
/* setup phase */
writeToFlash(addressFlow[0],0x30);
writeToFlash(addressFlow[0],0xD0);
status_register=readFlash(any_address);
if (status_register.b7==1){
/*EFP aborted for an error*/
if (status_register.b4==1) /*program error*/
error_handler();
if (status_register.b3==1) /*VPP invalid error*/
error_handler();
if (status_register.b1==1) /*program to protect block error*/
error_handler();
}
else{
/*Program Phase*/
do{
status_register=readFlash(any_address);
/* E or G must be toggled*/
} while (status_register.b0==1)
/*Ready for first data*/
for (i=0; i++; i< n){
writeToFlash(addressFlow[i],dataFlow[i]);
/* status register polling*/
do{
status_register=readFlash(any_address);
/* E or G must be toggled*/
} while (status_register.b0==1);
/* Ready for a new data */
}
writeToFlash(another_block_address,FFFFh);
/* Verify Phase */
for (i=0; i++; i< n){
writeToFlash(addressFlow[i],dataFlow[i]);
/* status register polling*/
do{
status_register=readFlash(any_address);
/* E or G must be toggled*/
} while (status_register.b0==1);
/* Ready for a new data */
}
writeToFlash(another_block_address,FFFFh);
/* exit program phase */
/* Exit Phase */
/* status register polling */
do{
status_register=readFlash(any_address);
/* E or G must be toggled */
} while (status_register.b7==0);
if (status_register.b4==1) /*program failure error*/
error_handler();
if (status_register.b3==1) /*VPP invalid error*/
error_handler();
if (status_register.b1==1) /*program to protect block error*/
error_handler();
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81