công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XKP9-DM-2 bảng dữ liệu(PDF) 1 Page - Digi International Inc.

tên linh kiện XKP9-DM-2
Giải thích chi tiết về linh kiện  Best-in-class range RF module features software-complete mesh or multipoint topologies with advanced sleep modes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGI [Digi International Inc.]
Trang chủ  https://www.digi.com/
Logo DIGI - Digi International Inc.

XKP9-DM-2 bảng dữ liệu(HTML) 1 Page - Digi International Inc.

  XKP9-DM-2 Datasheet HTML 1Page - Digi International Inc. XKP9-DM-2 Datasheet HTML 2Page - Digi International Inc. XKP9-DM-2 Datasheet HTML 3Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RELATED PRODUCTS
APPLICATION EXAMPLE
BENEFITS
– Superior outdoor LOS range of up to 28 miles with
high-gain antenna
– Over-the-air firmware updates via other XBee-PRO
900HP modules or Digi Device CloudSM
– Software-selectable channel mask for interference
immunity
– Programmable versions of the XBee-PRO 900HP
enable custom application development
- 8-bit Freescale™ S08 microprocessor brings custom
intelligence to the module
- XBee-specific CodeWarrior® development tools
for easy programming
– RF data rate up to 200 Kbps
– Patented channel selectivity algorithm allows for more
dense networks
Best-in-class range RF module features software-complete mesh
or multipoint topologies with advanced sleep modes
XBee-PRO 900HP embedded modules provide best-in-class
range wireless connectivity to devices. They take advantage of
the DigiMesh® networking protocol, featuring dense network
operation and support for sleeping routers, and are also
available in a point-to-multipoint configuration. Supporting RF
line-of-sight ranges up to 28 miles (with high-gain antennas),
and data rates of up to 200 Kbps, these modules are ideal
for extended-range applications requiring increased data
throughput.
The XBee-PRO 900HP requires no programming and can
be configured easily using Digi’s free XCTU software or via a
XBEE-PRO® 900HP
simplified AT command set. XBee® modules are pre-certified
for use in multiple countries, further reducing development
costs and time to market.
The programmable version of the XBee-PRO 900HP module
makes customizing long-range wireless applications easy.
Programming directly on the module eliminates the need
for a separate host processor. Because the wireless software
is isolated, applications can be developed with no risk to RF
performance, security or additional certifications.
LONG-RANGE 900 MHZ
OEM RF MODULE
Ethernet
DIGIMESH® WIRELESS MESH NETWORK
XBEE® PRO 900HP
MODULE
Light and Occupancy
Sensor with
XBee® PRO 900HP
Module
Cellular/VPN
DEVICE CLOUD
REMOTE MONITORING AND
CONTROL OFFICE
Street
Light
CONNECTPORT® X4 H
GATEWAY
Street
Light
Gateways
Modules
Digi XLR PRO™
XCTU
Development
Kits


Mô tả tương tự - XKP9-DM-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 7, 2011
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
Best in class frequency versus temperature
logo
STMicroelectronics
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
Using STM32F4 MCU power modes with best dynamic efficiency
12-May-2014
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
492Kb / 13P
Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 2, 2012
logo
STMicroelectronics
LSM330 STMICROELECTRONICS-LSM330 Datasheet
1Mb / 75P
Power-down and sleep modes
09-Dec-2103
logo
Bel Fuse Inc.
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
Best-in-class, Titanium efficiency
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
OmniVision Technologies...
OH02A10 OMNIVISION-OH02A10 Datasheet
742Kb / 2P
Best-In-Class Image Quality
logo
Bel Fuse Inc.
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
Best-in-class, Titanium efficiency
PTU2000-12-074ND BEL-PTU2000-12-074ND Datasheet
1Mb / 26P
Best-in-class, ?쏱latinum??efficiency
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com