| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F149 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F149 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 59 page ![]() MSP430x13x, MSP430x14x, MSP430x14x1 MIXED SIGNAL MICROCONTROLLER SLAS272F − JULY 2000 − REVISED JUNE 2004 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timer_B7 (MSP430x14x and MSP430x14x1 Only) Timer_B7 is a 16-bit timer/counter with seven capture/compare registers. Timer_B7 can support multiple capture/compares, PWM outputs, and interval timing. Timer_B7 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Timer_B3/B7 Signal Connections† Input Pin Number Device Input Signal Module Input Name Module Block Module Output Signal Output Pin Number 43 - P4.7 TBCLK TBCLK ACLK ACLK Timer NA SMCLK SMCLK Timer NA 43 - P4.7 TBCLK INCLK 36 - P4.0 TB0 CCI0A 36 - P4.0 36 - P4.0 TB0 CCI0B CCR0 TB0 ADC12 (internal) DVSS GND CCR0 TB0 DVCC VCC 37 - P4.1 TB1 CCI1A 37 - P4.1 37 - P4.1 TB1 CCI1B CCR1 TB1 ADC12 (internal) DVSS GND CCR1 TB1 DVCC VCC 38 - P4.2 TB2 CCI2A 38 - P4.2 38 - P4.2 TB2 CCI2B CCR2 TB2 DVSS GND CCR2 TB2 DVCC VCC 39 - P4.3 TB3 CCI3A 39 - P4.3 39 - P4.3 TB3 CCI3B CCR3 TB3 DVSS GND CCR3 TB3 DVCC VCC 40 - P4.4 TB4 CCI4A 40 - P4.4 40 - P4.4 TB4 CCI4B CCR4 TB4 DVSS GND CCR4 TB4 DVCC VCC 41 - P4.5 TB5 CCI5A 41 - P4.5 41 - P4.5 TB5 CCI5B CCR5 TB5 DVSS GND CCR5 TB5 DVCC VCC 42 - P4.6 TB6 CCI6A 42 - P4.6 ACLK (internal) CCI6B CCR6 TB6 DVSS GND CCR6 TB6 DVCC VCC † Timer_B3 implements three capture/compare blocks (CCR0, CCR1 and CCR2 only). |