| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5TC4G63CFR-RDJ bảng dữ liệu(PDF) 24 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC4G63CFR-RDJ bảng dữ liệu(HTML) 24 Page - Hynix Semiconductor |
|
24 / 33 page ![]() Rev. 1.4/ Oct. 2015 24 Table 10 - IDD7 Measurement-Loop Patterna) ATTENTION! Sub-Loops 10-19 have inverse A[6:3] Pattern and Data Pattern than Sub-Loops 0-9 a) DM must be driven LOW all the time. DQS, DQS are used according to RD Commands, otherwise MID-LEVEL. b) Burst Sequence driven on each DQ signal by Read Command. Outside burst operation, DQ signals are MID-LEVEL. Datab) 0 0 ACT 0 0 1 1 0 0 00 0 0 0 0 - 1 RDA 0 1 0 1 0 0 00 1 0 0 0 00000000 2D 1 0 0 0 0 0 00 0 0 0 0 - ... repeat above D Command until nRRD - 1 1 nRRD ACT 0 0 1 1 0 1 00 0 0 F 0 - nRRD+1 RDA 0 1 0 1 0 1 00 1 0 F 0 00110011 nRRD+2 D 1 0 0 0 0 1 00 0 0 F 0 - ... repeat above D Command until 2* nRRD - 1 2 2*nRRD repeat Sub-Loop 0, but BA[2:0] = 2 3 3*nRRD repeat Sub-Loop 1, but BA[2:0] = 3 4 4*nRRD D1 0 0 0 0 3 00 0 0 F 0 - Assert and repeat above D Command until nFAW - 1, if necessary 5 nFAW repeat Sub-Loop 0, but BA[2:0] = 4 6 nFAW+nRRD repeat Sub-Loop 1, but BA[2:0] = 5 7 nFAW+2*nRRD repeat Sub-Loop 0, but BA[2:0] = 6 8 nFAW+3*nRRD repeat Sub-Loop 1, but BA[2:0] = 7 9 nFAW+4*nRRD D1 0 0 0 0 7 00 0 0 F 0 - Assert and repeat above D Command until 2* nFAW - 1, if necessary 10 2*nFAW+0 ACT 0 0 1 1 0 0 00 0 0 F 0 - 2*nFAW+1 RDA 0 1 0 1 0 0 00 1 0 F 0 00110011 2&nFAW+2 D1 0 0 0 0 0 00 0 0 F 0 - Repeat above D Command until 2* nFAW + nRRD - 1 11 2*nFAW+nRRD ACT 0 0 1 1 0 1 00 0 0 0 0 - 2*nFAW+nRRD+1 RDA 0 1 0 1 0 1 00 1 0 0 0 00000000 2&nFAW+nRRD+ 2 D1 0 0 0 0 1 00 0 0 0 0 - Repeat above D Command until 2* nFAW + 2* nRRD - 1 12 2*nFAW+2*nRRD repeat Sub-Loop 10, but BA[2:0] = 2 13 2*nFAW+3*nRRD repeat Sub-Loop 11, but BA[2:0] = 3 14 2*nFAW+4*nRRD D1 0 0 0 0 3 00 0 0 0 0 - Assert and repeat above D Command until 3* nFAW - 1, if necessary 15 3*nFAW repeat Sub-Loop 10, but BA[2:0] = 4 16 3*nFAW+nRRD repeat Sub-Loop 11, but BA[2:0] = 5 17 3*nFAW+2*nRRD repeat Sub-Loop 10, but BA[2:0] = 6 18 3*nFAW+3*nRRD repeat Sub-Loop 11, but BA[2:0] = 7 19 3*nFAW+4*nRRD D1 0 0 0 0 7 00 0 0 0 0 - Assert and repeat above D Command until 4* nFAW - 1, if necessary |