công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ER05-R2M bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện ER05-R2M
Giải thích chi tiết về linh kiện  Miniature Circular Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ER05-R2M bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

  ER05-R2M Datasheet HTML 1Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers ER05-R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
製 品 名
Product name
ピンコンタクト Male
Φ
A
B
C
D
コード導入口
(適合ケーブルサイズ)
Coed Clamp Dia.
製 品 名
Product name
ソケットコンタクト Female
ER05-J2M
12.0
35.1
10.5
9.5
6.4 (5.7~6.2)
スリーブ使用時
Sleeve
I.D. 5.2 (4.2~5.0)
ER05-J2F
ER05-J3M
ER05-J3F
ER05-J5M
ER05-J5F
ER05-J6M
15.5
37.8
13.5
10.5
7.4 (6.5~7.2)
スリーブ使用時
Sleeve
I.D. 6.2 (5.0~6.0)
ER05-J6F
ER05-J8M
ER05-J8F
製 品 名
Product name
ピンコンタクト Male
Φ
A
B
コード導入口
(適合ケーブルサイズ)
Coed Clamp Dia.
製 品 名
Product name
ソケットコンタクト Female
ER05-JB2M
12.0
32.3
5.2 (4.0~5.0)
ER05-JB2F
ER05-JB3M
ER05-JB3F
ER05-JB5M
ER05-JB5F
ER05-JB6M
15.5
34.3
6.2 (5.0~6.0)
ER05-JB6F
ER05-JB8M
ER05-JB8F
ER05-JB12M
20.0
39.0
11.0 (9.8~10.8)
ER05-JB12F
ER05-JB12M8.5
8.5 (7.3~8.3)
ER05-JB12F8.5
ER05-JB12M6.5
6.5 (5.3~6.3)
ER05-JB12F6.5
製品名
Product name
Φ
A
B
C
Φ
D
形状
Type
レセプタクル用キャップ・適用製品名
Applicable Product Name
R05-CR1
13.5
9.0
ー
ー
b
ER05-R2M、ER05-R2F、ER05-R3M、ER05-R3F
ER05-R5M、ER05-R5F
R05-CR3
13.0 13.7
50.0
3.8
a
ER05-R2M、ER05-R2F、ER05-RB2M、ER05-RB2F
ER05-R3M、ER05-R3F、ER05-RB3M、ER05-RB3F
ER05-R5M、ER05-R5F、ER05-RB5M、ER05-RB5F
R05-CR2
16.5
9.0
ー
ー
b
ER05-R6M、ER05-R6F、ER05-RB6M、ER05-RB6F
ER05-R8M ER05-R8F、ER05-RB8M、ER05-RB8F
R05-CR4-1
16.0
13.7
100.0
3.8
a
R05-CR4-2
50.0
R05-CR6
20.0
100.0
ER05-R12M、ER05-R12F、ER05-RB12M、ER05-RB12F
※The figures in parentheses refer to applicable diameter range.
※The figures in parentheses refer to applicable diameter range.
( B )
A
C
スパナ間隔
スパナ間隔
D
ジャック Jack
ジャック Jack
( B )
A
キャップ Cap
( C )
a: 金属キャップ (黄銅+ニッケルメッキ、ナイロン紐)
A
D
(B)
b: ポリエチレンキャップ
A
B
7
ER05 Series
Miniature Circular Connectors
Polyethylene cap
Metal cap(Brass/Nickel plated , Nylon cord)
プラグ及びジャック ケーブル端末処理寸法
コネクタ形状 Connector type
A
B
プラグ
Plug
P
3.0
7.0
PB
3.0
10.0
ジャック
Jack
J
3.0
7.0
JB
3.0
10.0
Cable end treatment
A
B
TAJIMI ELECTRONICS CO.,LTD.
単位 /
unit : mm



Html Pages

1 2 3 4 5 6 7 8