công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ER03-R3F bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ER03-R3F
Giải thích chi tiết về linh kiện  Miniature Circular Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ER03-R3F bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ER03-R3F Datasheet HTML 1Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 2Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 3Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 4Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 5Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 6Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 7Page - List of Unclassifed Manufacturers ER03-R3F Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
製 品 名
Product name
ピンコンタクト Male
Φ
A
B
C
D
コード導入口
(適合ケーブルサイズ)
Coed Clamp Dia.
製 品 名
Product name
ソケットコンタクト Female
ER03-P2M
12.0
35.5
10.5
9.5
6.4 (5.7~6.2)
スリーブ使用時
Sleeve
I.D. 5.2 (4.2~5.0)
ER03-P2F
ER03-P3M
ER03-P3F
ER03-P5M
ER03-P5F
ER03-P6M
15.5
37.7
13.5
10.5
7.4 (6.5~7.2)
スリーブ使用時
Sleeve
I.D. 6.2 (5.0~6.0)
ER03-P6F
ER03-P8M
ER03-P8F
製 品 名
Product name
ピンコンタクト Male
Φ
A
B
コード導入口
(適合ケーブルサイズ)
Coed Clamp Dia.
製 品 名
Product name
ソケットコンタクト Female
ER03-PB2M
12.0
32.2
5.2 (4.0~5.0)
ER03-PB2F
ER03-PB3M
ER03-PB3F
ER03-PB5M
ER03-PB5F
ER03-PB6M
15.5
34.2
6.2 (5.0~6.0)
ER03-PB6F
ER03-PB8M
ER03-PB8F
ER03-PB12M
20.0
38.6
11.0 (9.8~10.8)
ER03-PB12F
ER03-PB12M8.5
8.5 (7.3~8.3)
ER03-PB12F8.5
ER03-PB12M6.5
6.5 (5.3~6.3)
ER03-PB12F6.5
製 品名
Product name
ピンコンタクト Male
Φ
A
B
Φ
C
D
E
Φ
F
G
製 品 名
Product name
ソケットコンタクト Female
ER03-R2M
12.0
ピンコンタクト
Male
17.8
ソケットコンタクト
Female
18.0
9.0
2.0
11.0
9.2
8.4
ER03-R2F
ER03-R3M
ER03-R3F
ER03-R5M
ER03-R5F
ER03-R6M
15.5
12.0
14.0
12.2
11.2
ER03-R6F
ER03-R8M
ER03-R8F
ER03-R12M
20.0
16.0
1.6
20.0
16.2
14.7
ER03-R12F
※The figures in parentheses refer to applicable diameter range.
※The figures in parentheses refer to applicable diameter range.
製 品名
Product name
ピンコンタクト Male
A
Φ
B
□
C
□
D
Φ
E
Φ
F
製 品 名
Product name
ソケットコンタクト Female
ER03-RB2M
ピンコンタクト
Male
17.8
ソケットコンタクト
Female
18.0
9.0
10.5
15.0
2.2
9.2
ER03-RB2F
ER03-RB3M
ER03-RB3F
ER03-RB5M
ER03-RB5F
ER03-RB6M
12.0
13.0
17.5
12.2
ER03-RB6F
ER03-RB8M
ER03-RB8F
ER03-RB12M
16.0
17.0
22.5
2.8
16.3
ER03-RB12F
( B )
A
C
スパナ間隔
スパナ間隔
D
プラグ Plug
プラグ Plug
( B )
A
A
C
1.5
9.0
( B )
BH形レセプタクル Bulkhead-Receptacle
SF形レセプタクル Scare Flange-Receptacle
取付穴参考寸法
Panel mounting dimensions
F
G
▼ガイド(Guide)
( A )
9.5
B
C
D
4-E
パネル厚さ
D Max.
Panel Thickness
E
六角対辺
Hex.
取付穴参考寸法
Panel mounting dimensions
4-E
F
4
ER03 Series
Miniature Circular Connectors
TAJIMI ELECTRONICS CO.,LTD.
単位 /
unit : mm



Html Pages

1 2 3 4 5 6 7 8