| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S30EB7C bảng dữ liệu(PDF) 1 Page - HB Electronic Components |
|
|
|||||||||||||||||||||||||||||
S30EB7C bảng dữ liệu(HTML) 1 Page - HB Electronic Components |
|
1 / 3 page ![]() Page: 1 HEAT SLUG Part No. S30EB7C Features Highest Flux Blue High reliability and Very long operating life (up to 100K hours) Low voltage DC operated More Energy Efficient than Incandescent and most Halogen lamps NO UV Superior ESD protection Typical Applications Reading lights(car,bus,aircraft) Portable(flashlight,bicycle) Automotive Exterior(Stop-Tail-Turn, CHMSL,Mirror Side Repeat) Decorative NOTE: All dimensions are millimetres. Tolerance is f 0.1mm unless otherivise noted Ta=25¡ ãC IF=20mA 0 90¡ ã 0.5 1.0 0¡ ã Radiation Angle 60¡ ã 30¡ ã 0.5 0¡ ã DIRECTIVITY 30¡ ã 1.0 90¡ ã 60¡ ã |
Số phần tương tự - S30EB7C |
|
Mô tả tương tự - S30EB7C |