| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74HC74DB bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC74DB bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 22 page ![]() 2003 Jul 10 3 Philips Semiconductors Product specification Dual D-type flip-flop with set and reset; positive-edge trigger 74HC74; 74HCT74 FUNCTION TABLES Table 1 See note 1 Table 2 See note 1 Note 1. H = HIGH voltage level; L = LOW voltage level; X = don’t care; ↑ = LOW-to-HIGH CP transition; Qn+1 = state after the next LOW-to-HIGH CP transition. ORDERING INFORMATION INPUT OUTPUT SD RD CP D Q Q LH X X HL HL X X LH LL X X H H INPUT OUTPUT SD RD CP D Qn+1 Qn+1 HH ↑ LL H HH ↑ HH L TYPE NUMBER PACKAGE TEMPERATURE RANGE PINS PACKAGE MATERIAL CODE 74HC74N −40 to +125 °C 14 DIP14 plastic SOT27-1 74HCT74N −40 to +125 °C 14 DIP14 plastic SOT27-1 74HC74D −40 to +125 °C 14 SO14 plastic SOT108-1 74HCT74D −40 to +125 °C 14 SO14 plastic SOT108-1 74HC74DB −40 to +125 °C 14 SSOP14 plastic SOT337-1 74HCT74DB −40 to +125 °C 14 SSOP14 plastic SOT337-1 74HC74PW −40 to +125 °C 14 TSSOP14 plastic SOT402-1 74HCT74PW −40 to +125 °C 14 TSSOP14 plastic SOT402-1 74HC74BQ −40 to +125 °C 14 DHVQFN14 plastic SOT762-1 74HCT74BQ −40 to +125 °C 14 DHVQFN14 plastic SOT762-1 |