| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74HC7404D bảng dữ liệu(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC7404D bảng dữ liệu(HTML) 28 Page - NXP Semiconductors |
|
28 / 28 page ![]() September 1993 28 Philips Semiconductors Product specification 5-Bit x 64-word FIFO register; 3-state 74HC/HCT7404 Sequence 2 (FIFOB runs full) After the MR pulse, a series of 64 SI pulses are applied. When 64 words are shifted in, DIRB remains LOW due to FIFOB being full (5). DORA goes LOW due to FIFOA being empty. Sequence 3 (FIFOA runs full) When 65 words are shifted in, DORA remains HIGH due to valid data remaining at the output of FIFOA. QnA remains HIGH, being the polarity of the 65th data word (6). After the 128th SI pulse, DIR remains LOW and both FIFOs are full (7). Additional pulses have no effect. Sequence 4 (both FIFOs full, starting SHIFT-OUT process) SIA is held HIGH and two SOB pulses are applied (8). These pulses shift out two words and thus allow two empty locations to bubble-up to the input stage of FIFOB, and proceed to FIFOA (9). When the first empty location arrives at the input of FIFOA, a DIRA pulse is generated (10) and a new word is shifted into FIFOA. SIA is made LOW and now the second empty location reaches the input stage of FIFOA, after which DIRA remains HIGH (11). Sequence 5 (FIFOA runs empty) At the start of sequence 5 FIFOA contains 63 valid words due to two words being shifted out and one word being shifted in, in sequence 4. An additional series of SOB pulses are applied. After 63 SOB pulses, all words from FIFOA are shifted into FIFOB. DORA remains LOW (12). Sequence 6 (FIFOB runs empty) After the next SOB pulse, DIRB remains HIGH due to the input stage of FIFOB being empty. After another 63 SOB pulses, DORB remains LOW due to both FIFOs being empty (14). Additional SOB pulses have no effect. The last word remains available at the output Qn. PACKAGE OUTLINES See “74HC/HCT/HCU/HCMOS Logic Package Outlines”. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |