công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280CVRPX bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện MPC8280CVRPX
Giải thích chi tiết về linh kiện  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRPX bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button MPC8280CVRPX Datasheet HTML 36Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 37Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 38Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 39Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 40Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 41Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 42Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 43Page - NXP Semiconductors MPC8280CVRPX Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
40
Freescale Semiconductor
Clock Configuration Modes
1001_000
Reserved
1001_001
Reserved
1001_010
Reserved
1001_011
50.0
66.7
4
200.0 266.6
4
200.0 266.6
4
50.0
66.7
1001_100
50.0
66.7
4
200.0 266.6
4.5
225.0 300.0
4
50.0
66.7
1010_000
Reserved
1010_001
50.0
66.7
4
200.0 266.6
3
200.0 266.6
3
66.7
88.9
1010_010
50.0
66.7
4
200.0 266.6
3.5
233.3 311.1
3
66.7
88.9
1010_011
50.0
66.7
4
200.0 266.6
4
266.7 355.5
3
66.7
88.9
1010_100
50.0
66.7
4
200.0 266.6
4.5
300.0 400.0
3
66.7
88.9
1011_000
Reserved
1011_001
50.0
66.7
4
200.0 266.6
2.5
200.0 266.6
2.5
80.0
106.7
1011_010
50.0
66.7
4
200.0 266.6
3
240.0 320.0
2.5
80.0
106.7
1011_011
50.0
66.7
4
200.0 266.6
3.5
280.0 373.3
2.5
80.0
106.7
1011_100
50.0
66.7
4
200.0 266.6
4
320.0 426.6
2.5
80.0
106.7
1100_101
50.0
66.7
6
300.0 400.0
4
400.0 533.3
3
100.0
133.3
1100_110
50.0
66.7
6
300.0 400.0
4.5
450.0 599.9
3
100.0
133.3
1100_111
50.0
66.7
6
300.0 400.0
5
500.0 666.6
3
100.0
133.3
1101_000
50.0
66.7
6
300.0 400.0
5.5
550.0 733.3
3
100.0
133.3
1101_001
50.0
66.7
6
300.0 400.0
3.5
420.0 559.9
2.5
120.0
160.0
1101_010
50.0
66.7
6
300.0 400.0
4
480.0 639.9
2.5
120.0
160.0
1101_011
50.0
66.7
6
300.0 400.0
4.5
540.0 719.9
2.5
120.0
160.0
1101_100
50.0
66.7
6
300.0 400.0
5
600.0 799.9
2.5
120.0
160.0
1110_000
50.0
66.7
5
250.0 333.3
2.5
312.5 416.6
2
125.0
166.7
1110_001
50.0
66.7
5
250.0 333.3
3
375.0 500.0
2
125.0
166.7
1110_010
50.0
66.7
5
250.0 333.3
3.5
437.5 583.3
2
125.0
166.7
Table 21. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2 (continued)
Mode3
PCI Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83