công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280CVRBX bảng dữ liệu(PDF) 79 Page - NXP Semiconductors

tên linh kiện MPC8280CVRBX
Giải thích chi tiết về linh kiện  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRBX bảng dữ liệu(HTML) 79 Page - NXP Semiconductors

Back Button MPC8280CVRBX Datasheet HTML 75Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 76Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 77Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 78Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 79Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 80Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 81Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 82Page - NXP Semiconductors MPC8280CVRBX Datasheet HTML 83Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
79
Ordering Information
10 Ordering Information
This figure provides an example of the Freescale part numbering nomenclature for the SoC. In addition to
the processor frequency, the part numbering scheme also consists of a part modifier that indicates any
enhancement(s) in the part from the original production design. Each part number also contains a revision
code that refers to the die mask revision number and is specified in the part numbering scheme for
identification purposes only. For more information, contact your local Freescale sales office.
Figure 19. Freescale Part Number Key
11 Document Revision History
This table summarizes changes to this document.
Table 27. Document Revision History
Revision
Date
Substantive Changes
2
09/2011
In Figure 19, “Freescale Part Number Key,” added speed decoding information below processor
frequency information.
1.8
07/2007
• Updated the entire document, adding information on the VV package.
1.7
12/2006
• Section 6, “AC Electrical Characteristics,” removed deratings statement and clarified AC
timing descriptions.
1.6
05/2006
• Table 11: Added text to clarify that Data Bus Parity is not supported at 66 Mhz.
• Table 11: Added text to clarify that Data Bus ECC is supported at 66 Mhz
• Table 11: Added note to DP pins to show it is not supported at 66 MHz
• Table 12: Added note to support 1 ns hold time
1.5
03/2006
• Added Section 6.3, “JTAG Timings”
Product code
Device number
Processor frequency
Die revision level
MPC 82XX C ZU XXX
(CPU/CPM/Bus in MHz)
X
Temperature range
Blank = 0T
A
to 105Tj
C = (–40)T
A
– 105Tj
B = 66
E = 100
F = 133
I = 200
M = 266
P = 300
T = 400
Package
ZU = 480 TBGA lead spheres
VV = 480 TBGA lead-free spheres
VR = 516 PBGA lead-free spheres
ZQ = 516 PBGA lead sphere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com