| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8270VR bảng dữ liệu(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8270VR bảng dữ liệu(HTML) 28 Page - NXP Semiconductors |
|
28 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 28 Freescale Semiconductor Clock Configuration Modes 0001_001 50.0 167.0 2 100.0 334.0 5 250.0 835.0 0001_010 50.0 145.8 2 100.0 291.7 6 300.0 875.0 0001_011 Reserved 0001_100 Reserved 0001_101 37.5 133.3 3 112.5 400.0 4 150.0 533.3 0001_110 33.3 133.3 3 100.0 400.0 5 166.7 666.7 1000_111 33.3 133.3 3 100.0 400.0 5.5 183.3 733.3 0001_111 33.3 133.3 3 100.0 400.0 6 200.0 800.0 0010_000 Reserved 0010_001 Reserved 0010_010 37.5 100.0 4 150.0 400.0 4 150.0 400.0 0010_011 30.0 100.0 4 120.0 400.0 5 150.0 500.0 0010_100 25.0 100.0 4 100.0 400.0 6 150.0 600.0 0010_101 25.0 100.0 4 100.0 400.0 7 175.0 700.0 0010_110 25.0 100.0 4 100.0 400.0 8 200.0 800.0 0010_111 Reserved 0011_000 30.0 80.0 5 150.0 400.0 5 150.0 400.0 0011_001 25.0 80.0 5 125.0 400.0 6 150.0 480.0 0011_010 25.0 80.0 5 125.0 400.0 7 175.0 560.0 0011_011 25.0 80.0 5 125.0 400.0 8 200.0 640.0 0011_100 Reserved 0011_101 Reserved 0011_110 25.0 66.7 6 150.0 400.0 6 150.0 400.0 0011_111 25.0 66.7 6 150.0 400.0 7 175.0 466.7 0100_000 25.0 66.7 6 150.0 400.0 8 200.0 533.3 0101_101 75.0 167.0 2 150.0 334.0 2 166.7 334.0 0101_110 60.0 167.0 2 120.0 334.0 2.5 166.7 417.5 0101_111 50.0 167.0 2 100.0 334.0 3 200.0 501.0 Table 18. Clock Configurations for Local Bus Mode1 (continued) Mode2 Bus Clock3 (MHz) CPM Multiplication Factor4 CPM Clock (MHz) CPU Multiplication Factor5 CPU Clock (MHz) MODCK_H-MODCK[1:3] Low High Low High Low High |