công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280EC bảng dữ liệu(PDF) 46 Page - NXP Semiconductors

tên linh kiện MPC8280EC
Giải thích chi tiết về linh kiện  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280EC bảng dữ liệu(HTML) 46 Page - NXP Semiconductors

Back Button MPC8280EC Datasheet HTML 42Page - NXP Semiconductors MPC8280EC Datasheet HTML 43Page - NXP Semiconductors MPC8280EC Datasheet HTML 44Page - NXP Semiconductors MPC8280EC Datasheet HTML 45Page - NXP Semiconductors MPC8280EC Datasheet HTML 46Page - NXP Semiconductors MPC8280EC Datasheet HTML 47Page - NXP Semiconductors MPC8280EC Datasheet HTML 48Page - NXP Semiconductors MPC8280EC Datasheet HTML 49Page - NXP Semiconductors MPC8280EC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
46
Freescale Semiconductor
Pinout
This figure shows the pinout of the ZU and VV packages as viewed from the top surface.
Figure 13. Pinout of the 480 TBGA Package (View from Top)
This table lists the pins of the MPC8280 and MPC8270, and Table 24 defines conventions and acronyms
used in this table.
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only
BR
W5
BG
F4
1
2
3
4
5 6
7
8
9 1011 121314 1516 17 18 19 20 21 22 23 24 25 26 27 28 29
Not to Scale
1
2
3
4
5 6
7
8
9 1011 121314 1516 17 18 1920 21 222324 25 26 27 2829
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
AJ
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
AJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83