| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UD2 bảng dữ liệu(PDF) 4 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
UD2 bảng dữ liệu(HTML) 4 Page - Kemet Corporation |
|
4 / 16 page ![]() 4 © KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard R7005_UC2_UD2 • 2/2/2023 Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com Miniature Signal Relays – UC2/UD2 Table 1 – Ratings & Part Number Reference Part Number Nominal Coil Voltage Lead Type Packaging () Designates Latch Type (VDC) UC2-3(1)NU 3.0 Radial Tube UC2-4.5(1)NU 4.5 Radial Tube UC2-5(1)NU 5.0 Radial Tube UC2-12(1)NU 12.0 Radial Tube UC2-3(1)NJ 3.0 Radial Tube UC2-4.5(1)NJ 4.5 Radial Tube UC2-5(1)NJ 5.0 Radial Tube UC2-9(1)NJ 9.0 Radial Tube UC2-12(1)NJ 12.0 Radial Tube UC2-3NE1 3.0 Radial, Low power consumption Tube UC2-4.5NE1 4.5 Radial, Low power consumption Tube UC2-5NE1 5.0 Radial, Low power consumption Tube UD2-3(1)NU 3.0 Surface mount Tube UD2-4.5(1)NU 4.5 Surface mount Tube UD2-5(1)NU 5.0 Surface mount Tube UD2-12(1)NU 12.0 Surface mount Tube UD2-3NE1 3.0 Surface mount, Low power consumption Tube UD2-4.5NE1 4.5 Surface mount, Low power consumption Tube UD2-5NE1 5.0 Surface mount, Low power consumption Tube UD2-3(1)NU-L 3.0 Surface mount Tape on Reel UD2-4.5(1)NU-L 4.5 Surface mount Tape on Reel UD2-5(1)NU-L 5.0 Surface mount Tape on Reel UD2-12(1)NU-L 12.0 Surface mount Tape on Reel UD2-3NE-L1 3.0 Surface mount, Low power consumption Tape on Reel UD2-4.5NE-L1 4.5 Surface mount, Low power consumption Tape on Reel UD2-5NE-L1 5.0 Surface mount, Low power consumption Tape on Reel UD2-3(1)NUN 3.0 Surface mount, Minimum footprint Tube UD2-4.5(1)NUN 4.5 Surface mount, Minimum footprint Tube UD2-5(1)NUN 5.0 Surface mount, Minimum footprint Tube UD2-12(1)NUN 12.0 Surface mount, Minimum footprint Tube UD2-3NEN1 3.0 Surface mount, Low power consumption, Minimum Footprint Tube UD2-4.5NEN1 4.5 Surface mount, Low power consumption, Minimum Footprint Tube UD2-5NEN1 5.0 Surface mount, Low power consumption, Minimum Footprint Tube UD2-3(1)NUN-L 3.0 Surface mount, Minimum footprint Tape on Reel UD2-4.5(1)NUN-L 4.5 Surface mount, Minimum footprint Tape on Reel UD2-5(1)NUN-L 5.0 Surface mount, Minimum footprint Tape on Reel UD2-12(1)NUN-L 12.0 Surface mount, Minimum footprint Tape on Reel UD2-3NEN-L1 3.0 Surface mount, Low power consumption, Minimum Footprint Tape on Reel UD2-4.5NEN-L1 4.5 Surface mount, Low power consumption, Minimum Footprint Tape on Reel UD2-5NEN-L1 5.0 Surface mount, Low power consumption, Minimum Footprint Tape on Reel Part Number Nominal Coil Voltage Lead Type Packaging (1) To complete KEMET part number, leave blank for Non-latch or insert S for Single coil. Designates latch type. 1 Only available as Non-latch. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |