| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD214B-R2600 bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CD214B-R2600 bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214B-R250~R21000 Glass Passivated Rectifiers Product Dimensions A B D E F G H C How To Order CD 214B - R 2 50 Common Code Chip Diode Package • 214B = SMB/DO-214AA Model R = Glass Pasivated Rectifiers Forward Current I(AV) 2 = 2 A Reverse Voltage 50 = 50 V 100 = 100 V 200 = 200 V 400 = 400 V 600 = 600 V 800 = 800 V 1000 = 1000 V Dimensions A 4.06 - 4.57 (0.167 - 0.187) B 3.30 - 3.94 (0.130 - 0.150) C 1.96 - 2.21 (0.075 - 0.087) D 2.01 - 2.62 (0.079 - 0.096) E 0.76 - 1.52 (0.039 - 0.055) F 5.21 - 5.59 (0.197 - 0.236) G 0.05 - 0.20 (0.00196 - 0.00787) H 0.15 - 0.31 (0.006 - 0.016) This is a lead free product. It is a molded plastic package. A cathode band indicates the polarity. The package weighs approximately 0.064 g. The package and dimensions are shown below. MM (INCHES) DIMENSIONS: A C B Recommended Pad Layout Dimension SMB (DO-214AA) A (Max.) 2.69 (0.106) B (Min.) 2.10 (0.083) C (Min.) 1.27 (0.050) MM (INCHES) DIMENSIONS: |