công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

604D153F7R5JS2 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện 604D153F7R5JS2
Giải thích chi tiết về linh kiện  Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

604D153F7R5JS2 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  604D153F7R5JS2 Datasheet HTML 1Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 2Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 3Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 4Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 5Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
604D
www.vishay.com
Vishay Sprague
Revision: 20-Jul-16
1
Document Number: 42040
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
4-Terminal, Tubular, Axial Lead
FEATURES
• 4-terminal construction
• Very low impedance
• Inductance limit 2 nH
• Wide temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
19.050 x 41.275
to 25.400 x 92.075
Operating temperature
-55 °C to +105 °C
Rated capacitance range, CR
47 μF to 22 000 μF
Tolerance on CR
-10 %, +50 %
Rated voltage range, UR
5 WVDC to 200 WVDC
Termination
4-terminal
Life validation test
2000 h at 105 °C
CAP < 15 % from initial
measurement.
ESR < 1.5 x initial specified limit.
DCL < initial specified limit.
Shelf life
500 h at 105 °C
CAP < 10 % from initial
measurement.
ESR < 1.2 x initial specified limit.
DCL < 2.0 x initial specified limit.
DC leakage current
(after 5 min charge)
I = k
k = 0.5 at +25 °C
k = 3.0 at +105 °C
I in μA, C in μF, V in Volts
CV
LOW TEMPERATURE PERFORMANCE
CAPACITANCE RATIO C-55 °C / C+25 °C MINIMUM AT 120 Hz
RATED VOLTAGE WVDC
CAPACITANCE REMAINING
5 to 50
75 %
51 and up
80 %
ESR RATIO ESR-55 °C / ESR+25 °C MAXIMUM AT 120 Hz
RATED VOLTAGE WVDC
MULTIPLIER
5 to 50
12
51 and up
18
Available
DIMENSIONS in millimeters
CASE CODE
BARE
CASE
OUTER INSULATION WITH
POLYMER COATED END SEALS
LEAD
SPACING
D
L
D
L (max.)
S
GJ
19.050 ± 0.787
41.275 ± 1.575
20.625 ± 0.787
46.812
6.350 ± 0.381
GL
19.050 ± 0.787
53.975 ± 1.575
20.625 ± 0.787
59.512
6.350 ± 0.381
GP
19.050 ± 0.787
66.675 ± 1.575
20.625 ± 0.787
72.212
6.350 ± 0.381
GS
19.050 ± 0.787
79.375 ± 1.575
20.625 ± 0.787
84.912
6.350 ± 0.381
GT
19.050 ± 0.787
92.075 ± 1.575
20.625 ± 0.787
97.612
6.350 ± 0.381
HJ
22.225 ± 0.787
28.575 ± 1.575
23.800 ± 0.787
34.112
7.620 ± 0.381
HL
22.225 ± 0.787
66.675 ± 1.575
23.800 ± 0.787
72.212
7.620 ± 0.381
HP
22.225 ± 0.787
53.975 ± 1.575
23.800 ± 0.787
59.512
7.620 ± 0.381
HS
22.225 ± 0.787
92.075 ± 1.575
23.800 ± 0.787
97.612
7.620 ± 0.381
HT
22.225 ± 0.787
79.375 ± 1.575
23.800 ± 0.787
84.912
7.620 ± 0.381
JJ
25.400 ± 0.787
41.275 ± 1.575
26.975 ± 0.787
46.812
10.160 ± 0.381
JL
25.400 ± 0.787
53.975 ± 1.575
26.975 ± 0.787
59.512
10.160 ± 0.381
JP
25.400 ± 0.787
66.675 ± 1.575
26.975 ± 0.787
72.212
10.160 ± 0.381
JS
25.400 ± 0.787
79.375 ± 1.575
26.975 ± 0.787
84.912
10.160 ± 0.381
JT
25.400 ± 0.787
92.075 ± 1.575
26.975 ± 0.787
97.612
10.160 ± 0.381


Số phần tương tự - 604D153F7R5JS2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Naina Semiconductor ltd...
604DCR NAINA-604DCR Datasheet
127Kb / 2P
Phase Control Thyristors (Capsule Type)
604DCR NAINA-604DCR_17 Datasheet
121Kb / 3P
Phase Control Thyristors (Capsule Type), 600A
More results

Mô tả tương tự - 604D153F7R5JS2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
53D VISHAY-53D Datasheet
170Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
22-Jul-08
601D VISHAY-601D_08 Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
U673D VISHAY-U673D Datasheet
384Kb / 13P
Aluminum Capacitors 105 °C, Tubular Radial Lead
16-Jul-08
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
125째C Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com