công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPC-080-124 bảng dữ liệu(PDF) 2 Page - TRACO Electronic AG

tên linh kiện TPC-080-124
Giải thích chi tiết về linh kiện  TPC Series, 30 to 120 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPC-080-124 bảng dữ liệu(HTML) 2 Page - TRACO Electronic AG

  TPC-080-124 Datasheet HTML 1Page - TRACO Electronic AG TPC-080-124 Datasheet HTML 2Page - TRACO Electronic AG TPC-080-124 Datasheet HTML 3Page - TRACO Electronic AG TPC-080-124 Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
Industrial Power Supplies
TPC Series
30 to 120 Watt
Input Specifications
Input voltage range
– AC nominal rated
110 – 240 VAC, 50-60 Hz
– AC range (designed for)
85 – 264 VAC, 47-63 Hz
– DC nominal rated
130 – 300 VDC
– DC range (designed for)
90 – 375 VDC
Output derating
– at operation <100 VAC
-2.5% /V
– at operation <130 VDC
-1.0% /VDC
Standby power consumption
TPC 030 and 055 models: < 0.3 W
TPC 080 and 120 models: < 0.5 W
Harmonic limits
EN 61000-3-2, Class A
Recommended circuit breaker, characteristic C
6.0 – 16.0 A
Output Specifications
Output voltage adjustable range
5 VDC model: 5.0 – 6.0 VDC
(potentiometer on frontpanel)
12 VDC models: 12 – 15 VDC
24 VDC models: 24 – 28.8 VDC
48 VDC models: 48 – 56 VDC
Regulation
– Input variation
0.5 % max.
– Load variation (0–100 %)
5 VDC models: 0.75 % max.
other models: 0.5 % max.
Ripple and noise (20MHz bandwidth)
100 mVpk-pk max.
Short circuit protection
<200 % of Iout nom.
Overvoltage protection (% of max. adjustable voltage)
5 VDC model: <180 %
12 VDC models: <170 %
24 VDC models: <160 %
48 VDC models: <107 %
Power back immunity
125 % of nominal Vout
Start-up time
2 sec. max.
Hold-up time (115 VAC / 230 VAC)
min. 15 ms / min. 40 ms
Power OK signal
– trigger
80 – 95 %
– PNP open collector max. current
48 VDC models: 5 mA
other models: 10 mA
General Specifications
Temperature ranges
– Operating
–25°C to +70°C max.
– Storage (non operating)
–25°C to +85°C
Temperature derating
2.5 %/K above 50°C
Humidity (non condensing)
95 % rel. H max.
Temperature coefficient
0.02 %/K
Remote On/Off
10 mA current source
Efficiency (average at power consumption 25-100%)
TPC 030-105: 79 %
other 30 Watt models: 84 %
other models: 87 %
Reliability, calculated MTBF at +25°C
TPC 030 models: >2.2 Mio h
(according to IEC-1709)
TPC 055 models: >1.7 Mio h
TPC 080 models: >1.5 Mio h
TPC 120 models: >1.3 Mio h
Isolation voltage (60 s)
– Input / Output
3000 VAC
Altitude during operation
2‘000 m max.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com