công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SA1649 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện 2SA1649
Giải thích chi tiết về linh kiện  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1649 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  2SA1649 Datasheet HTML 1Page - Renesas Technology Corp 2SA1649 Datasheet HTML 2Page - Renesas Technology Corp 2SA1649 Datasheet HTML 3Page - Renesas Technology Corp 2SA1649 Datasheet HTML 4Page - Renesas Technology Corp 2SA1649 Datasheet HTML 5Page - Renesas Technology Corp 2SA1649 Datasheet HTML 6Page - Renesas Technology Corp 2SA1649 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SA1649,1649-Z
PNP SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
Document No. D15588EJ3V0DS00 (3rd edition)
Date Published June 2006 NS CP(K)
Printed in Japan
2002
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The 2SA1649 is a mold power transistor developed for high-speed
switching and features a very low collector-to-emitter saturation
voltage.
This transistor is ideal for use in switching regulators, DC/DC
converters, motor drivers, solenoid drivers, and other low-voltage
power supply devices, as well as for high-current switching.
FEATURES
• Available for high-current control in small dimension
• Z type is a lead processed product and is deal for mounting a
hybrid IC.
• Mold package that does not require an insulating board or
insulation bushing
• Low collector saturation voltage:
VCE(sat) =
−0.3 V MAX. (IC = −3 A)
• Fast switching speed:
tf = 0.3
μs MAX. (IC = −3 A)
• High DC current amplifiers and excellent linearity
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−40
V
Collector to emitter voltage
VCEO
−30
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−10
A
Collector current (pulse)
IC(pulse)
Note 1
−20
A
Base current (DC)
IB(DC)
−3.5
A
Total power dissipation
PT (Tc = 25
°C)
15
W
Total power dissipation
PT (Ta = 25
°C) 1.0
Note 2
, 2.0
Note 3
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 300 ms, Duty Cycle ≤ 10%
2. Printing board mounted
3. 7.5 cm
2
× 0.7 mm ceramic board mounted
PACKAGE DRAWINGS (Unit: mm)
2
13
6.5 ±0.2
5.0 ±0.2
4
2.3
2.3
0.5 ±0.1
2.3 ±0.2
1.1 ±0.2
0.5 −0.1
+0.2
0.5 −0.1
+0.2
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.2
0.5 ±0.1
Note
Note
0.15 ±0.15
2.3 ±0.3
2.3 ±0.3
Note The depth of notch at the top of the fin is
from 0 to 0.2 mm.
<R>
ELECTRODE CONNECTION
1. Base
2. Collector
3. Emitter
4. Collector Fin
TO-251 (MP-3)
TO-252 (MP-3Z)
<R>



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com