công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA25C0803PLR bảng dữ liệu(PDF) 4 Page - CTS Corporation

tên linh kiện CA25C0803PLR
Giải thích chi tiết về linh kiện  4UTO3OTIVE GR4DE HC3OS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTS [CTS Corporation]
Trang chủ  http://www.ctscorp.com
Logo CTS - CTS Corporation

CA25C0803PLR bảng dữ liệu(HTML) 4 Page - CTS Corporation

  CA25C0803PLR Datasheet HTML 1Page - CTS Corporation CA25C0803PLR Datasheet HTML 2Page - CTS Corporation CA25C0803PLR Datasheet HTML 3Page - CTS Corporation CA25C0803PLR Datasheet HTML 4Page - CTS Corporation CA25C0803PLR Datasheet HTML 5Page - CTS Corporation CA25C0803PLR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
odel C 25C
UTO OTIVE GR DE HC OS CLOCK
DOC# 008-0571-0 Rev. C
Page 4 of 6
echanical Specifications
echanical Specifications
echanical Specifications
echanical Specifications
Package Drawing
arking Information
Recommended Pad Layout
Notes
Pin ssignments
P
P
P
Pin
in
in
in
Symbol
Symbol
Symbol
Symbol
Function
Function
Function
Function
1
EOH
Enable
2
GND
Circuit & Package
3
Output
RF Output
4
VCC
Supply Voltage
Table I - Date Code, Beginning year 2021
2021
2025
2029
2033
2037
B
C
D
E
F
G
H
J
K
L
2022
2026
2030
2034
2038
N
P
Q
R
S
T
U
V
W
X
Y
Z
2023
2027
2031
2035
2039
a
b
c
d
e
f
g
h
j
k
l
m
2024
2028
2032
2036
2040
n
p
q
r
s
t
u
v
w
x
y
z
O CT
O CT
O CT
O CT
NO V
NO V
NO V
NO V
DEC
DEC
DEC
DEC
YE R
YE R
YE R
YE R
Y
YY
Y
JUN
JUN
JUN
JUN
JUL
JUL
JUL
JUL
UG
UG
UG
UG
SEP
SEP
SEP
SEP
O NTH
O NTH
O NTH
O NTH
J N
J N
J N
J N
FEB
FEB
FEB
FEB
R
R
R
R
P R
P R
P R
P R
1. C 25 – CTS model.
2. ** –
anufacturing Site Code.
3. ● – Pin 1 identifier.
4. D – Date Code. See Table I for codes.
5. xxxx – Frequency Code.
3-digits for frequencies <100 Hz
4-digits for frequencies 100 Hz or greater
[See document 016-1454-0, Frequency Code Tables.]
1. Termination pads (e4). Barrier-plating is nickel [Ni]
with gold [ u] flash plate.
2. Reflow conditions per JEDEC J-STD-020; +260°C
maximum, 20 seconds.
3.
SL = 1.
C 25**
● Dxxxx



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com