| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BC857 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BC857 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 13 page ![]() BC847_SER All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 8 — 20 August 2012 3 of 18 NXP Semiconductors BC847 series 45 V, 100 mA NPN general-purpose transistors 3. Ordering information [1] Valid for all available selection groups. 4. Marking [1] * = placeholder for manufacturing site code Table 4. Ordering information Type number[1] Package Name Description Version BC847 - plastic surface-mounted package; 3 leads SOT23 BC847A BC847B BC847C BC847W SC-70 plastic surface-mounted package; 3 leads SOT323 BC847AW BC847BW BC847CW BC847T SC-75 plastic surface-mounted package; 3 leads SOT416 BC847AT BC847BT BC847CT BC847AM SC-101 leadless ultra small plastic package; 3 solder lands; body 1.0 0.6 0.5 mm SOT883 BC847BM BC847CM Table 5. Marking codes Type number Marking code[1] Type number Marking code[1] BC847 1H* BC847T 1N BC847A 1E* BC847AT 1E BC847B 1F* BC847BT 1F BC847C 1G* BC847CT 1G BC847W 1H* BC847AM D4 BC847AW 1E* BC847BM D5 BC847BW 1F* BC847CM D6 BC847CW 1G* |