| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSAM265SF bảng dữ liệu(PDF) 32 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM265SF bảng dữ liệu(HTML) 32 Page - National Semiconductor (TI) |
|
32 / 58 page ![]() Appendix A Device Specifications This appendix describes the pins and signals of the NSAM265SR and NSAM265SF CompactSPEECH proces- sors specifies its maximum ratings and its electrical charac- teristics and describes its timing A1 PIN ASSIGNMENT The following sections list the pins of the NSAM265SR and NSAM265SF CompactSPEECH processors They indicate which signals use the same pin and under what conditions each signal is enabled for that pin Slashes separate the names of signals that share the same pin A11 Pin-Signal Assignment Table A-1 shows all the pins and the signals that use them in different configurations It also shows the type and direc- tion of each signal TABLE A-1 CompactSPEECH Pin-Signal Assignment under Different Conditions Pin Name Type Signal Name IO A(015) TTL A(015) Output CAS (Note A) TTL1 (Note B) CAS Output CCLK TTL CCLK Output CDIN TTL CDIN Input CDOUT TTL CDOUT Output CFS0 TTL CFS0 Output D(01) TTL D(01) IO D2RA11 TTL D2RA11 IO D(37) TTL D(37) IO DWE TTL1 (Note B) DWE Output MWCS TTL (Note C) MWCS Input WR0 TST TTL WR0 Output TST Input MWDRY TTL MWDRY IO MWRQST TTL MWRQST IO MWDOUT TTL MWDOUT Output PB(05) (Note D) TTL EA(1621) Output PB6 (Note E) TTL AFLASH OE Output EMCS ENV0 TTL1 (Note B) EMCS Output CMOS (Note F) ENV0 Input MWCLK TTL MWCLK Input MWDIN TTL MWDIN Input RAS (Note A) TTL1 (Note B) RAS Output RESET Schmitt (Note C) RESET Input VCC Power VCC VSS Power VSS X1 XTAL X1 OSC X2CLKIN XTAL X2 OSC TTL CLKIN Input Note A Used in NSAM265SR only NC in NSAM265SF Note B TTL1 output signals provide CMOS levels in the steady state for small loads Note C Schmitt trigger input Note D NSAM265SR and NSAM265SFvirtual address lines for IVS ROM NSAM265SF onlyvirtual address lines for FLASH Note E Used in NSAM265SF onlyenablesdisable FLASH Note F Input during reset CMOS level input 32 |