công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C14D32P-E2P3 bảng dữ liệu(PDF) 7 Page - CUI Devices

tên linh kiện C14D32P-E2P3
Giải thích chi tiết về linh kiện  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CUID [CUI Devices]
Trang chủ  https://www.cuidevices.com/
Logo CUID - CUI Devices

C14D32P-E2P3 bảng dữ liệu(HTML) 7 Page - CUI Devices

  C14D32P-E2P3 Datasheet HTML 1Page - CUI Devices C14D32P-E2P3 Datasheet HTML 2Page - CUI Devices C14D32P-E2P3 Datasheet HTML 3Page - CUI Devices C14D32P-E2P3 Datasheet HTML 4Page - CUI Devices C14D32P-E2P3 Datasheet HTML 5Page - CUI Devices C14D32P-E2P3 Datasheet HTML 6Page - CUI Devices C14D32P-E2P3 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CUI DEVICES | SERIES: C14 | DESCRIPTION: PANEL MOUNT ENCODER
date 08/05/2022 | page 7 of 7
CUI Devices offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI Devices reserves the right to make changes to the product at any time without notice. Information provided by CUI Devices is believed to be accurate
and reliable. However, no responsibility is assumed by CUI Devices for its use, nor for any infringements of patents or other rights of third parties which may
result from its use.
CUI Devices products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A
critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
cuidevices.com
rev.
description
date
1.0
initial release
02/25/2009
1.01
applied new spec template, updated operating temperature, updated 3.3V PCB
05/20/2014
1.02
brand update
10/04/2019
1.03
added plastic shaft models
10/14/2020
1.04
logo, datasheet style update
08/05/2022
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com