| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ANT-W63WS4-RPS bảng dữ liệu(PDF) 9 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63WS4-RPS bảng dữ liệu(HTML) 9 Page - Linx Technologies |
|
9 / 14 page ![]() 9 Datasheet ANT-W63WS4-ccc Edge of Ground Plane, Bent 90 Degrees The charts on the following pages represent data taken with the antenna oriented at the edge of the ground plane, bent 90 degrees (Edge-Bent), as shown in Figure 10. Figure 10. ANT-W63WS4-ccc on Edge of Ground Plane, Bent 90 Degrees (Edge-Bent) VSWR Figure 11 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 1 2 3 4 5 6 7 2400 2800 3200 3600 4000 4400 4800 5200 5600 6000 6400 6800 7200 Frequency (MHz) Figure 11. ANT-W63WS4-ccc VSWR, Edge-Bent |