| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA01697D bảng dữ liệu(PDF) 32 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
BA01697D bảng dữ liệu(HTML) 32 Page - Endress+Hauser Group Services AG |
|
32 / 64 page ![]() Commissioning Picomag IO-Link 32 Endress+Hauser 9.4 Diagnostics The Diagnostics menu enables you to simulate, without a real flow situation, various process variables in the process and the device alarm mode and to verify downstream signal chains (switching of valves or closed-control loops). Navigation "Diagnostics" menu Parameter overview with brief description Parameter Description Selection/input Factory setting Actual diagnostic A diagnostic event has occurred. Displays the current diagnostic event along with the diagnostic information. Iftwoormoremessagesoccursimultaneously,themessage with the highest priority is shown on the display. Symbol for diagnostic behavior, diagnostic code and short message. Simulation process variable Activate the simulation of process variables. • Off Simulation is deactivated. • On Simulation is activated. Deactivatethesimulationagainoncethetesthasbeen performed. Off Volume flow value Enter the value for volume flow simulation. Positive floating point number – Temperature value Enter the value for temperature simulation. Positive floating point number – Conductivity value Enter the value for conductivity simulation Positive floating point number – 9.5 System The System submenu contains all the parameters that can be used for the administration of the device. Navigation Menu: "System" Parameter overview with brief description Parameter Description Entry/selection/display Factory setting Access status tooling Displays the access status. No user entry/selection possible. • Operator • Maintenance Maintenance Enter access code Enter the defined access code. → 31 Restrict write access to parameters in order to protect the device configuration from unauthorized modification. 4-digit string of numbers 0000 Device reset Reset the entire device configuration or some of the configuration to a defined state. • Cancel • To factory defaults • Restart device Cancel Export configuration as report The device configuration can be exported as a PDF report and saved in the mobile device or forwarded with this function. - - Save configuration to file The device configuration is saved in the app. The saved device configuration can be transferred to another measuring device using the System → "Load configuration from file" function. - - Load Configuration from file The saved device configuration can be uploaded to a new measuring device with this function. - - |