| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95256-DF bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-DF bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 51 page ![]() Date Revision Changes 06-Mar-2017 21 Removed obsolete product M95256-DR. Updated Features, Section 1: Description and Section 6: Instructions. Updated Figure 1: Logic diagram, Figure 3: WLCSP connections (top view, marking side, with bumps on the underside), Figure 4: Block diagram, Figure 6: SPI modes supported, Figure 8: Write Enable (WREN) sequence and Figure 9: Write Disable (WRDI) sequence. Updated Table 1: Signal names, tables in Section 6: Instructions and Table 11: AC measurement conditions. Updated footnote 2 of Table 7: Absolute maximum ratings and added footnote 6 to Table 15: DC characteristics (M95256-W, device grade 6). Updated Section 10: Package information and its subsections. 28-Sep-2021 22 Added: • Table 2. Signals versus bump position Updated: • Section 1 Description • Figure 4. Block diagram • Section 4 Connecting to the SPI bus • Figure 5. Bus master and memory devices on the SPI bus • Figure 16. Write Identification page sequence • Table 15. Capacitance • Table 19. AC characteristics • Section 11 Ordering information Deleted: • Table 19. AC characteristics (M95256-W, device grade 6) • Table 20. AC characteristics (M95256-R, device grade 6) M95256-W M95256-R M95256-DF DS4712 - Rev 22 page 46/51 |