| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRKT92/04AS90 bảng dữ liệu(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKT92/04AS90 bảng dữ liệu(HTML) 5 Page - International Rectifier |
|
5 / 10 page ![]() IRK.71, .91 Series 5 Bulletin I27132 rev. H 10/02 www.irf.com Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 70 80 90 100 110 120 130 0 1020 304050607080 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Angle IRK.71.. Series R (DC) = 0.33 K/W thJC 70 80 90 100 110 120 130 0 20 40 60 80 100 120 DC 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Period IRK.71.. Series R (DC) = 0.33 K/W thJC Fig. 3 - On-state Power Loss Characteristics Fig. 5 - Maximum Non-Repetitive Surge Current Fig. 6 - Maximum Non-Repetitive Surge Current Fig. 4 - On-state Power Loss Characteristics 0 20 40 60 80 100 120 0 10 20 30405060 70 80 180° 120° 90° 60° 30° RMS Limit Conduction Angle Average On-state Current (A) IRK.71.. Series Per Junction T = 125°C J 0 20 40 60 80 100 120 140 0 20 40 60 80 100 120 DC 180° 120° 90° 60° 30° RMS Limit Conduction Period Average On-state Current (A) IRK.71.. Series Per Junction T = 125°C J 700 800 900 1000 1100 1200 1300 1400 1500 1600 110 100 Number Of Equal Amplitude Half Cycle Current Pulses (N) Initial T = 125°C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s J At Any Rated Load Condition And With Rated V Applied Following Surge. RRM IRK.71.. Series Per Junction 600 800 1000 1200 1400 1600 1800 0.01 0.1 1 Pulse Train Duration (s) Initial T = 125°C No Voltage Reapplied Rated V Reapplied Of Conduction May Not Be Maintained. RRM J Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control IRK.71.. Series Per Junction |