| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BL-RXX31K bảng dữ liệu(PDF) 2 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-RXX31K bảng dữ liệu(HTML) 2 Page - Yellow Stone Corp |
|
2 / 2 page ![]() L-065 BL-Rxx41H Series L-066 BL-Rxx31K Series L-067 BL-Rxx31T Series L-068 BL-Rxx22 Series L-069 BL-Rxx32 Series L-070 BL-Rxx32A-T Series L-071 BL-Rxx32B Series L-072 BL-Bxx32C Series Notes 1.All Dimensions are in millimeters (inches). 2.Tolerance isA0.25mm (.010 ). MIN. NOM. 0.5(.020) SQ.TYP. 4.1(.161) 2.54(.100) 1.0(.039) 6.9(.272) 25.4(1.00) MIN. 1.5(.059) MAX. 4.0(.157) 1.7(.067) 1.8(.071) NOM. MIN. 5.1(.201) 25.4(1.00) MIN. 1.0(.039) 1.5(.059) MAX. 2.54(.100) 0.5(.020) SQ.TYP. 4.8(.189) 1.5(.059) 4.7(.185) 1.4(.055) MIN. (.10) NOM. 2.54 MAX. 4.0(.157) 0.5(.02) SQ. TYP. 1.5(.059) 2.00(.079) 5.0(.197) 1.0(.04) 25.4(1.0) MIN. 4.1(.161) 1.90(.075) NOM. MIN. 1.5(.059) MAX. 1.8(.071) 12.7(.500) MIN. 0.5(.020) SQ.TYP. 1.0(.039) 2.29(.090) 2.8(.110) 5.1(.201) 2.0(.079) 5.0(.197) 6.0(.236) MIN. NOM. 5.0(.197) 2.54(.100) 1.5(.059) MAX. 2.8(.110) 5.1(.201) 25.4(1.00) MIN. 1.00(.039) 2.0(.079) 6.0(.236) 1.8(.071) 0.5(.020) SQ.TYP. NOM. MIN. 1.0(.039) 6.4(.252) 0.5(.020) SQ.TYP. 25.4(1.00) MIN. 2.54(.100) 1.0(.039) 6.5(.256) 5.0(.197) 2.0(.079) 2.0(.079) 1.5(.059) MAX. 1.5 (.059) MAX. 2.54 (.10) NOM. 1.0 (.04) MIN. 0.7(.03) 4.9(.193) 2.0(.079) 6.3(.248) 25.4(1.00) MIN. 0.5(.02) SQ. TYP. 4.8(.189) 1.9(.075) 2.8(.11) NOM. MIN. 5.0(.197) 1.0(.039) 2.54(.100) 1.5(.059) MAX. 2.3(.091) 2.2(.087) 0.5(.020) SQ.TYP. 25.4(1.00) MIN. 5.4(.213) 5.2(.205) Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |