| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68AW256ML55ZB1 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M68AW256ML55ZB1 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 23 page ![]() M68AW256M 8/23 OPERATION The device has four standard operating modes: Output Disabled, Read, Write and Standby/Pow- er-Down. These modes are determined by the control inputs E, W, G, LB and UB as summarized in Table 2., Operating Modes. Output Disabled. The Output Enable signal, G, provides high-speed tri-state control of DQ0- DQ15, allowing fast read/write cycles on the I/O data bus. The device is in Output Disabled mode when Output Enable, G, is High. In this mode, LB and UB are Don’t care and DQ0-DQ15 are high impedance. Read Mode. The M68AW256M is in the Read mode whenever Write Enable (W) is High with Output Enable (G) Low, and Chip Enable (E) is as- serted. This provides access to data from eight or sixteen, depending on the status of the signal UB and LB, of the 4,194,304 locations in the static memory ar- ray, specified by the 18 address inputs.If only one of the Byte Enable inputs is at VIL, the M68AW256M is in Byte Read mode. If the two Byte Enable inputs are at VIL, the M68AW256M is in Word Read mode. So depending on the status of the UB and LB signals, valid data will be avail- able on the lower eight, the upper eight or all six- teen output pins, tAVQV after the last stable address, providing G is Low and E is Low. If either of E or G is asserted after tAVQV has elapsed, data access will be measured from the limiting parameter (tELQV, tGLQV or tBLQV) rather than the address. Data out may be indeterminate at tELQX, tGLQX and tBLQX but data lines will always be valid at tAVQV. Write Mode. The M68AW256M is in the Write mode whenever the W and E are Low. Either the Chip Enable input (E) or the Write Enable input (W) must be de-asserted during Address transitions for subsequent write cycles. When E (W) is Low, and UB or LB is Low, write cycle begins on the W (E)'s falling edge. When E and W are Low, and UB = LB = High, write cycle begins on the first falling edge of UB or LB. Therefore, address setup time is referenced to Write Enable, Chip Enable or UB/LB as tAVWL, tAVEL and tAVBL respectively, and is determined by the latter occurring edge. The Write cycle can be terminated by the earlier rising edge of E, W or UB/LB. If the Output is en- abled (E = Low, G = Low, LB or UB = Low), then W will return the outputs to high impedance within tWLQZ of its falling edge. Care must be taken to avoid bus contention in this type of operation. Data input must be valid for tDVWH before the rising edge of Write Enable, or for tDVEH before the rising edge of E, or for tDVBH before the rising edge of UB/LB whichever occurs first, and remain valid for tWHDX, tEHDX and tBHDX respectively. Standby/Power-Down. The M68AW256M has a Chip Enable power down feature which invokes an automatic standby mode whenever either Chip Enable is de-asserted (E = High) or LB and UB are de-asserted (LB and UB = High). An Output En- able (G) signal provides a high speed tri-state con- trol, allowing fast read/write cycles to be achieved with the common I/O data bus. Operational modes are determined by device control inputs W, E, LB and UB as summarized in the Operating Modes ta- ble (see Table 2). Table 2. Operating Modes Note: 1. X = VIH or VIL. Operation E W G LB UB DQ0-DQ7 DQ8-DQ15 Power Deselected (Standby/Power-Down) VIH XXX X Hi-Z Hi-Z Standby (ISB) XXX VIH VIH Hi-Z Hi-Z Standby (ISB) Lower Byte Read VIL VIH VIL VIL VIH Data Output Hi-Z Active (ICC) Lower Byte Write VIL VIL X VIL VIH Data Input Hi-Z Active (ICC) Output Disabled VIL VIH VIH X X Hi-Z Hi-Z Active (ICC) Upper Byte Read VIL VIH VIL VIH VIL Hi-Z Data Output Active (ICC) Upper Byte Write VIL VIL X VIH VIL Hi-Z Data Input Active (ICC) Word Read VIL VIH VIL VIL VIL Data Output Data Output Active (ICC) Word Write VIL VIL X VIL VIL Data Input Data Input Active (ICC) Output Disabled VIH X VIH X X Hi-Z Hi-Z Active (ICC) |