| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C02-F bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-F bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 41 page ![]() Date Revision Changes 20-May-2022 7 Updated: • Section Features, Section 1 Description, Section 2.2 Serial data (SDA), Section 2.3 Chip enable (E2, E1, E0), Section 2.5 VSS (ground), Section 4.2 Stop condition, Section 4.5 Device addressing, Section 5.1.3 Minimizing write delays by polling on ACK, Section 5.2 Read operations, Section 9.1 UFDFPN5 (DFN5) package information, Section 9.3 SO8N package information, Section 9.2 TSSOP8 package information, Section 9.4 UFDFPN8 (DFN8) package information • note in Figure 3 • Figure 4. Block diagram • Table 4. Absolute maximum ratings, Table 10. Cycling performance, Table 11. Memory cell data retention, Table 12. DC characteristics (M24C01/02-W), Table 13. DC characteristics (M24C01/02-R), Table 14. DC characteristics (M24C02- F), Table 15. 400 kHz AC characteristics (I2C Fast-mode), Table 16. 100 kHz AC characteristics (I2C standard-mode), Table 21. Ordering information scheme Removed PDIP8 package M24C01/02-W M24C01/02-R M24C02-F DS9398 - Rev 7 page 36/41 |