| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74HC299D bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC299D bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 11 page ![]() December 1990 8 Philips Semiconductors Product specification 8-bit universal shift register; 3-state 74HC/HCT299 DC CHARACTERISTICS FOR 74HCT For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: bus driver (parallel I/Os) standard (serial outputs) ICC category: MSI Note to HCT types The value of additional quiescent supply current ( ∆I CC) for unit load of 1 is given in the family specifications. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT UNIT LOAD COEFFICIENT I/On DSR, DSL CP, S0 MR, S1 OEn 0.25 0.25 0.60 0.25 0.30 |