| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM68AX bảng dữ liệu(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68AX bảng dữ liệu(HTML) 66 Page - Texas Instruments |
|
66 / 251 page ![]() Table 6-9. WKUP_GPIO0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN WKUP_GPIO0_82 I General Purpose Input/Output P27 WKUP_GPIO0_83 I General Purpose Input/Output N25 WKUP_GPIO0_84 I General Purpose Input/Output P26 WKUP_GPIO0_85 I General Purpose Input/Output N26 WKUP_GPIO0_86 I General Purpose Input/Output N27 WKUP_GPIO0_87 IO General Purpose Input/Output J25 WKUP_GPIO0_88 IO General Purpose Input/Output G26 6.3.4 I2C 6.3.4.1 MAIN Domain Table 6-10. I2C0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C0_SCL IOD I2C Clock AH25 I2C0_SDA IOD I2C Data AE24 Table 6-11. I2C1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C1_SCL IOD I2C Clock AA23, AB26, AC25 I2C1_SDA IOD I2C Data AD26, AD28, Y28 Table 6-12. I2C2 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C2_SCL IOD I2C Clock AH27, V27 I2C2_SDA IOD I2C Data AG26, W27 Table 6-13. I2C3 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C3_SCL IOD I2C Clock R22, W28 I2C3_SDA IOD I2C Data AC27, R24 Table 6-14. I2C4 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C4_SCL IOD I2C Clock AA28, AD25, M23 I2C4_SDA IOD I2C Data AF28, P24, U26 Table 6-15. I2C5 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C5_SCL IOD I2C Clock R28, Y24 I2C5_SDA IOD I2C Data W23, Y25 Table 6-16. I2C6 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN I2C6_SCL IOD I2C Clock AG25, N24 I2C6_SDA IOD I2C Data AE25, P23 AM68A SPRSP91 – FEBRUARY 2023 www.ti.com 66 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM68A |