công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC299 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74HC299
Giải thích chi tiết về linh kiện  8-bit universal shift register; 3-state
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC299 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74HC299 Datasheet HTML 3Page - NXP Semiconductors 74HC299 Datasheet HTML 4Page - NXP Semiconductors 74HC299 Datasheet HTML 5Page - NXP Semiconductors 74HC299 Datasheet HTML 6Page - NXP Semiconductors 74HC299 Datasheet HTML 7Page - NXP Semiconductors 74HC299 Datasheet HTML 8Page - NXP Semiconductors 74HC299 Datasheet HTML 9Page - NXP Semiconductors 74HC299 Datasheet HTML 10Page - NXP Semiconductors 74HC299 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
December 1990
8
Philips Semiconductors
Product specification
8-bit universal shift register; 3-state
74HC/HCT299
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver (parallel I/Os)
standard (serial outputs)
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT
UNIT LOAD COEFFICIENT
I/On
DSR, DSL
CP, S0
MR, S1
OEn
0.25
0.25
0.60
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11