công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMM5063 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MMM5063
Giải thích chi tiết về linh kiện  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Application Information
MOTOROLA
MMM5063 Advance Information
11
4.3 Application Schematics and Printed Circuit Boards
Figure 18. Open Loop Control Application Schematic
Figure 18 represents the complete Power Amplifier implementation including the MMM5063 Amplifier
Module and the Control Circuitry. This functionality is realized with two separate printed circuit boards;
the PA Evaluation Circuit with schematic shown in Figure 21 and PCB Layout shown in Figure 23, and the
Power Amplifier Control Loop with schematic shown in Figure 22 and PCB Layout shown in Figure 24.
The PA Evaluation Circuit is straightfoward and, due to the MMM5063’s high level of integration,
requires only a few passive components around the package. These components are mainly de-coupling
capacitors.
The Power Amplifier Control Loop is based on an operational amplifier driving a PMOS transistor. The
PMOS device functions as a linear drain voltage regulator controlled by Vrampwith a typical gain of 2
which is set through the resistive divider R4 and R5 as shown in Figure 22. To control output power
through the drain, Vapc must be indexed to the drain voltage to prevent the PA Section from drawing
excessive current especially at low output power. Nevertheless, Vapc should stay above 0.8 V to provide
sufficient gain for the line-up. Figure 19 describes the application circuit used to control Vapc through the
drain voltage. It uses Vreg to pre-position Vapc at 0.9 V and add a voltage which is dependent on the drain
Voltage.
Figure 19.
GSM Out
DCS/PCS Out
MMM5063
V
dB
V
d
V
APC
CE
PMOS
[Note 1]
Battery
V
ramp
V
reg
V
BS
GSM In
DCS/PCS In
[Note 2]
NOTES:
1. Op/Amp is either external (with an enable pin CE) or in an ASIC.
2. The MMM5063 requires 4 to 6 RF/LF decoupling capacitors (not shown).
V
reg = 2.8 V
0 V < V
drain < VBAT
V
apc
R7 = 560
Ω
R8 = 1.0 k
Ω
R
VAPC = 700 Ω
Internal to the die
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com