| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L78L05ABUTR bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L05ABUTR bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 40 page ![]() Table 5. Electrical characteristics of L78L08C - Refer to the test circuits, TJ = 0 to 125 °C,VI = 14 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 7.36 8 8.64 V VO Output voltage IO = 1 to 40 mA, VI = 8.5 to 20 V 7.2 8.8 V IO = 1 to 70 mA, VI = 12 V 7.2 8.8 ∆VO Line regulation VI = 10.5 to 20 V, TJ = 25 °C 200 mV VI = 11 to 20 V, TJ = 25 °C 150 ∆VO Load regulation IO = 1 to 100 mA, TJ = 25 °C 80 mV IO = 1 to 40 mA, TJ = 25 °C 40 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ∆Id Quiescent current change IO = 1 to 40 mA 0.2 mA VI = 8 to 20 V 1.5 eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25 °C 60 µV SVR Supply voltage rejection VI = 9 to 20 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 36 45 dB Vd Dropout voltage 1.7 V Table 6. Electrical characteristics of L78L09C - Refer to the test circuits, TJ = 0 to 125 °C, VI = 15 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 8.28 9 9.72 V VO Output voltage IO = 1 to 40 mA, VI = 11.5 to 23 V 8.1 9.9 V IO = 1 to 70 mA, VI = 15 V 8.1 9.9 ∆VO Line regulation VI = 11.5 to 23 V, TJ = 25 °C 250 mV VI = 12 to 23 V, TJ = 25 °C 200 ∆VO Load regulation IO = 1 to 100 mA, TJ = 25 °C 80 mV IO = 1 to 40 mA, TJ = 25 °C 40 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ∆Id Quiescent current change IO = 1 to 40 mA 0.2 mA VI = 12 to 23 V 1.5 eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25 °C 70 µV SVR Supply voltage rejection VI = 12 to 23 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 36 44 dB Vd Dropout voltage 1.7 V L78L Electrical characteristics DS0424 - Rev 28 page 6/40 |