| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7809ABV bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809ABV bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 55 page ![]() Figure 24. Remote shutdown GAMG220920161022MT Figure 25. Power AM modulator (unity voltage gain, IO ≤ 0.5) GAMG220920161023MT Note: The circuit performs well up to 100 kHz. Figure 26. Adjustable output voltage with temperature compensation VO = VXX (1+R2/R1) + VBE GAMG220920161024MT Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. L78 Design consideration DS0422 - Rev 36 page 28/55 |