| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AOZ9530QV bảng dữ liệu(PDF) 10 Page - Alpha & Omega Semiconductors |
|
|
|||||||||||||||||||||||||||||
AOZ9530QV bảng dữ liệu(HTML) 10 Page - Alpha & Omega Semiconductors |
|
10 / 13 page ![]() Rev. 2.0 August 2022 www.aosmd.com Page 10 of 13 AOZ9530QV ALPHA & OMEGA SEMIC ONDUCT OR Layout Considerations Several layout tips are listed below for the best electric and thermal performance. 1. The VIN pins and pad are connected to internal high side switch drain. They are also low resistance thermal conduction path. Connected a large copper plane to VIN pins to help thermal dissipation. 2. Input capacitors should be connected to the VIN pins and the PGND pins as close as possible to reduce the switching spikes. 3. The VOUT pins and pad are connected to internal low side switch drain. They are low resistance thermal conduction path and most noisy switching node. Connected a large copper plane to VOUT pins to help thermal dissipation. 4. Decoupling capacitor CVCC should be connected to VCC and AGND as close as possible. 5. Bootstrap capacitor CB should be connected to VB and VOUT as close as possible. 6. A ground plane is preferred. PGND and AGND must be connected to the ground plane through vias. 7. Keep sensitive signal traces such as feedback trace and digital signals far away from the VOUT pins. 1 2 3 4 5 10 11 12 13 14 HIN LIN NC VIN VIN PGND VOUT VOUT VIN VOUT |