| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PVC-105-0 bảng dữ liệu(PDF) 2 Page - Alpha Wire |
|
|
|||||||||||||||||||||||||||||
PVC-105-0 bảng dữ liệu(HTML) 2 Page - Alpha Wire |
|
2 / 4 page ![]() Properties Other SVHC Declaration. 3) California Proposition 65: The outer surface materials used in the manufacture of this part meet the requirements of California Proposition 65. Physical & Mechanical Properties 1) Temperature Range -20 to 105°C 2) Tensile Strength 2780psi, Min ASTM D638 3) Elongation 260%, Min ASTM D638 4) Specific Gravity 1.35, Max ASTM D792 Electrical Properties 1) Dielectric Strength 870 V/mil, Min ASTM D876 2) Volume Resistivity 2x10 14 ohm-cm, Min ASTM D876 Chemical Properties 1) Corrosion(0°C,16hrs) no corrosion AMS-DTL-23053 2) Fungus Resistance Pass AMS-DTL-23053 3) Halogen Free No 4) Lead Free Yes Packaging 50 FT Notes 1) Size #24 through Size #1: UL rated for 300V 2) Size 5/16 through Size 2": UL rated for 600V www.alphawire.com Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207 Tel: 1-800-52 ALPHA (25742) Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure product availability. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |