công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 167 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 167 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 163Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 164Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 165Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 166Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 167Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 168Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 169Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 170Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 439 page
background image
Figure 20-3. Timer1 16-Bit Read/Write Mode Block Diagram
TMRx
High Byte
TMRxL
TMRxH
From
TMRx
Circuitr y
Set TMRxIF
on Overflow
Read TMRxL
Write TMRxL
Inte rnal Da ta Bus
8
8
8
8
8
20.6
Timer1 Gate
Timer1 can be configured to count freely or the count can be enabled and disabled using Timer1 gate circuitry. This is
also referred to as Timer1 gate enable. Timer1 gate can also be driven by multiple selectable sources.
20.6.1
Timer1 Gate Enable
The Timer1 Gate Enable mode is enabled by setting the GE bit. The polarity of the Timer1 Gate Enable mode is
configured using the GPOL bit.
When Timer1 Gate Enable mode is enabled, Timer1 will increment on the rising edge of the Timer1 clock source.
When Timer1 Gate signal is inactive, the timer will not increment and hold the current count. Enable mode is
disabled, no incrementing will occur and Timer1 will hold the current count. See Figure 20-4 for timing details.
Table 20-2. Timer1 Gate Enable Selections
TMRxCLK
GPOL
TxG
Timer1 Operation
↑
1
1
Counts
↑
1
0
Holds Count
↑
0
1
Holds Count
↑
0
0
Counts
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com