| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F15213T-I/ST bảng dữ liệu(PDF) 171 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213T-I/ST bảng dữ liệu(HTML) 171 Page - Microchip Technology |
|
171 / 439 page ![]() Important: The TMRx register and the TMRxIF bit need to be cleared before enabling interrupts. 20.8 Timer1 Operation During Sleep Timer1 can only operate during Sleep when configured as an asynchronous counter. In this mode, many clock sources can be used to increment the counter. To set up the timer to wake the device: • The ON bit must be set • The TMRxIE bit of the PIEx register must be set • Global interrupts must be enabled • The SYNC bit must be set • Configure the TxCLK register for using any clock source other than FOSC and FOSC/4 The device will wake up on an overflow and execute the next instruction. If global interrupts are enabled, the device will call the IRS. The secondary oscillator will continue to operate in Sleep regardless of the SYNC bit setting. 20.9 CCP Capture/Compare Time Base The CCP modules use TMRx as the time base when operating in Capture or Compare mode. In Capture mode, the value in TMRx is copied into the CCPRx register on a capture event. In Compare mode, an event is triggered when the value in the CCPRx register matches the value in TMRx. This event can be a Special Event Trigger. 20.10 CCP Special Event Trigger When any of the CCPs are configured to trigger a special event, the trigger will clear the TMRx register. This special event does not cause a Timer1 interrupt. The CCP module may still be configured to generate a CCP interrupt. In this mode of operation, the CCPRx register becomes the period register for Timer1. Timer1 must be synchronized and FOSC/4 must be selected as the clock source to utilize the Special Event Trigger. Asynchronous operation of Timer1 can cause a Special Event Trigger to be missed. In the event that a write to TMRxH or TMRxL coincides with a Special Event Trigger from the CCP, the write will take precedence. 20.11 Register Definitions: Timer1 Control Long bit name prefixes for the Timer registers are shown in the table below, where ‘x’ refers to the Timer instance number. Refer to the “Long Bit Names” section in the “Register and Bit Naming Conventions” chapter for more information. Table 20-3. Timer1 Register Bit Name Prefixes Peripheral Bit Name Prefix Timer1 T1 PIC16F15213/14/23/24/43/44 TMR1 - Timer1 Module with Gate Control © 2020-2022 Microchip Technology Inc. and its subsidiaries Data Sheet DS40002195E-page 171 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |