công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 130 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 130 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 126Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 127Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 128Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 129Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 130Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 131Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 132Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 133Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 439 page
background image
16.13 MCLR/VPP/RA3 Pin
The MCLR/VPP pin is an input-only pin. Its operation is controlled by the MCLRE Configuration bit. When selected
as a PORT pin (MCLRE = 0), it functions as a digital input-only pin; as such, it does not have TRISx and LATx bits
associated with its operation. Otherwise, it functions as the device’s Master Clear input. In either configuration, the
MCLR/VPP pin also functions as the programming voltage input pin during high-voltage programming.
The MCLR/VPP pin is a read-only bit and will read ‘1’ when MCLRE = 1 (i.e., Master Clear enabled).
Important:  On a Power-on Reset (POR), the MCLR/VPP pin is enabled as a digital input-only if Master
Clear functionality is disabled.
The MCLR/VPP pin has an individually controlled internal weak pull-up. When set, the corresponding WPU bit
enables the pull-up. When the MCLR/VPP pin is configured as MCLR (MCLRE = 1 and LVP = 0), or configured for
Low-Voltage Programming (MCLRE = x and LVP = 1), the pull-up is always enabled and the WPU bit has no effect.
16.14 Register Definitions: Port Control
PIC16F15213/14/23/24/43/44
I/O Ports
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com