công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 128 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 128 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 124Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 125Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 126Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 127Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 128Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 129Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 130Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 131Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 439 page
background image
16.4
TRISx - Direction Control
The TRISx register controls the PORTx pin output drivers, even when the pins are being used as analog inputs. The
user must ensure the bits in the TRISx register are set when using the pins as analog inputs. I/O pins configured as
analog inputs always read ‘0’.
Setting a TRISx bit (TRISx = 1) will make the corresponding PORTx pin an input (i.e., disable the output driver).
Clearing a TRISx bit (TRISx = 0) will make the corresponding PORTx pin an output (i.e., it enables output driver and
puts the contents of the output latch on the selected pin).
16.5
ANSELx - Analog Control
Ports that support analog inputs have an associated ANSELx register. The ANSELx register is used to configure the
Input mode of an I/O pin to analog. Setting an ANSELx bit high will disable the digital input buffer associated with
that bit and cause the corresponding input value to always read ‘0’, whether the value is read in PORTx register or
selected by PPS as a peripheral input.
Disabling the input buffer prevents analog signal levels on the pin between a logic high and low from causing
excessive current in the logic input circuitry.
The state of the ANSELx bits has no effect on digital or analog output functions. A pin with TRIS clear and ANSEL
set will still operate as a digital output, but the Input mode will be analog. This can cause unexpected behavior when
executing Read-Modify-Write instructions on the PORTx register.
Important:  The ANSELx bits default to the Analog mode after Reset. To use any pins as digital general
purpose or peripheral inputs, the corresponding ANSEL bits must be changed to ‘0’ by the user.
16.6
WPUx - Weak Pull-Up Control
The WPUx register controls the individual weak pull-ups for each PORT pin. When a WPUx bit is set (WPUx = 1), the
weak pull-up will be enabled for the corresponding pin. When a WPUx bit is cleared (WPUx = 0), the weak pull-up will
be disabled for the corresponding pin.
16.7
INLVLx - Input Threshold Control
The INLVLx register controls the input voltage threshold for each of the available PORTx input pins. A selection
between the Schmitt Trigger CMOS or the TTL compatible thresholds is available. If that feature is enabled, the input
threshold is important in determining the value of a read of the PORTx register and also all other peripherals which
are connected to the input. Refer to the I/O Ports table in the “Electrical Specifications” chapter for more details on
threshold levels.
Important:  Changing the input threshold selection must be performed while all peripheral modules are
disabled. Changing the threshold level during the time a module is active may inadvertently generate a
transition associated with an input pin, regardless of the actual voltage level on that pin.
16.8
SLRCONx - Slew Rate Control
The SLRCONx register controls the slew rate option for each PORT pin. Slew rate for each PORT pin can be
controlled independently. When a SLRCONx bit is set (SLRCONx = 1), the corresponding PORT pin drive is slew
PIC16F15213/14/23/24/43/44
I/O Ports
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com