công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 263 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 263 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 259Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 260Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 261Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 262Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 263Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 264Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 265Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 266Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 439 page
background image
25.2.2
I2C Mode Operation
All MSSP I2C communication is byte oriented and shifted out MSb first. Eight SFR registers and two interrupt flags
interface the module with the PIC
® microcontroller and user software. Two pins, SDA and SCL, are exercised by the
module to communicate with other external I2C devices.
25.2.2.1 Definition of I2C Terminology
There is language and terminology in the description of I2C communication that have definitions specific to I2C. That
word usage is defined below and may be used in the rest of this document without explanation. This table was
adapted from the Philips/NXP I2C Specification.
Table 25-1. I2C Terminology
Term
Description
Transmitter
The device that shifts data out onto the bus
Receiver
The device that shifts data in from the bus
Host
The device that initiates a transfer, generates clock signals, and terminates a transfer
Client
The device addressed by the host
Multi-Host
A bus with more than one device that can initiate data transfers
Arbitration
Procedure to ensure that only one host at a time controls the bus. Winning arbitration ensures
that the message is not corrupted.
Synchronization
Procedure to synchronize the clocks of two or more devices on the bus
Idle
No host is controlling the bus, and both SDA and SCL lines are high
Active
Any time one or more host devices are controlling the bus
Addressed Client Client device that has received a matching address and is actively being clocked by a host
Matching Address Address byte that is clocked into a client that matches the value stored in SSPxADD
Write Request
Client receives a matching address with the R/W bit clear, and is ready to clock in data
Read Request
Host sends an address byte with the R/W bit set, indicating that it wishes to clock data out of the
client. This data is the next and all following bytes until a Restart or Stop.
Clock Stretching
When a device on the bus hold SCL low to stall communication
Bus Collision
Any time the SDA line is sampled low by the module while it is outputting and expected High
state
25.2.2.2 Byte Format
All communication in I2C is done in 9-bit segments. A byte is sent from a host to a client or vice versa, followed by
an Acknowledge sequence sent back. After the eighth falling edge of the SCL line, the device outputting data on the
SDA changes that pin to an input and reads the Acknowledge value on the next clock pulse.
The clock signal, SCL, is provided by the host. Data is valid to change while the SCL signal is low, and sampled on
the rising edge of the clock. Changes on the SDA line while the SCL line is high define special conditions on the bus,
such as a Start or Stop condition.
25.2.2.3 SDA and SCL Pins
Selection of any I2C mode with the SSPEN bit set forces the SCL and SDA pins to be open-drain. These pins must
be configured as inputs by setting the appropriate TRIS bits.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com