| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F15213T-I/ST bảng dữ liệu(PDF) 261 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213T-I/ST bảng dữ liệu(HTML) 261 Page - Microchip Technology |
|
261 / 439 page ![]() Figure 25-10. MSSP Block Diagram (I2C Client Mode) Read Write SSPSR Reg Match Detect SSPxADD Reg Start and Stop bit Detect SSPxBUF Reg Internal Data Bus Addr Match Set, Reset S, P bits (SSPxSTAT Reg) SCL Shift Clock MSb LSb SSPxMSK Reg PPS PPS SSPxCLKPPS(2) RxyPPS(2) Clock Stretching SDA PPS PPS SSPxDATPPS(1) RxyPPS(1) Notes: SDA pin selections must be the same for input and output. 2. SCL pin selections must be the same for input and output. 1. Rev. 30-000020A 4/3/2017 The I2C bus specifies two signal connections: • Serial Clock (SCL) • Serial Data (SDA) Both the SCL and SDA connections are bidirectional open-drain lines, each requiring pull-up resistors for the supply voltage. Pulling the line to ground is considered a logical zero and letting the line float is considered a logical one. Figure 25-11 shows a typical connection between two processors configured as host and client devices. Figure 25-11. I2C Host/Client Connection Host SCL SDA SCL SDA Client VDD VDD Rev. 30-000021A 4/3/2017 The I2C bus can operate with one or more host devices and one or more client devices. There are four potential modes of operation for a given device: • Host Transmit mode (host is transmitting data to a client) • Host Receive mode (host is receiving data from a client) • Client Transmit mode (client is transmitting data to a host) • Client Receive mode (client is receiving data from the host) To begin communication, the host device transmits a Start condition followed by the address byte of the client it intends to communicate with. A Start condition is indicated by a high-to-low transition of the SDA line while the SCL PIC16F15213/14/23/24/43/44 MSSP - Host Synchronous Serial Port Module © 2020-2022 Microchip Technology Inc. and its subsidiaries Data Sheet DS40002195E-page 261 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |