công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 252 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 252 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 248Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 249Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 250Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 251Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 252Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 253Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 254Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 255Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 439 page
background image
Figure 25-3. SPI Host/Client Connection
Serial Input Buffer
(BUF)
Shift Register
(SSPSR)
MSb
LSb
SDO
SDI
Processor 1
SCK
00xx
Serial Input Buffer
(SSPxBUF)
Shift Register
Processor 2
SCK
010x
Serial Clock
SS
= 1010
(SSPSR)
LSb
MSb
SDI
SDO
SPI Client SSPM[3:0] =
SPI Host SSPM[3:0] =
GPIO
Client Select
(optional)
Rev/ 30-000013B
3/31/2017
Data is shifted out of both shift registers on the programmed clock edge and latched on the opposite edge of the
clock.
The host device transmits information out on its SDO output pin, which is connected to and received by the client’s
SDI input pin. The client device transmits information out on its SDO output pin, which is connected to and received
by the host’s SDI input pin.
To begin communication, the host device transmits both the MSb from its shift register and the clock signal. Both the
host and client devices need to be configured for the same clock polarity. During each SPI clock cycle, a full-duplex
data transmission occurs. This means that while the host device is sending out the MSb from its shift register (on its
SDO pin) and the client device is reading this bit and saving it as the LSb of its shift register, the client device is also
sending out the MSb from its shift register (on its SDO pin) and the host device is reading this bit and saving it as the
LSb of its shift register.
After eight bits have been shifted out, the host and client have exchanged register values. If there is more data to
exchange, the shift registers are loaded with new data and the process repeats itself.
Whether the data is meaningful or not (dummy data) depends on the application software. This leads to three
scenarios for data transmission:
• Host sends useful data and client sends dummy data.
• Host sends useful data and client sends useful data.
• Host sends dummy data and client sends useful data.
Transmissions must be performed in multiples of eight clock cycles. When there is no more data to be transmitted,
the host stops sending the clock signal and it deselects the client.
Every client device connected to the bus that has not been selected through its Client Select line must disregard the
clock and transmission signals and must not transmit out any data of its own.
25.1.1
SPI Mode Registers
The MSSP module has six registers for SPI mode operation. They are:
• MSSP Status Register (SSPxSTAT)
• MSSP Control Register 1 (SSPxCON1)
• MSSP Control Register 3 (SSPxCON3)
• MSSP Data Buffer Register (SSPxBUF)
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com